Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4642 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4642
Description  AUI Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4642 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4642 Datasheet HTML 1Page - Micro Linear Corporation ML4642 Datasheet HTML 2Page - Micro Linear Corporation ML4642 Datasheet HTML 3Page - Micro Linear Corporation ML4642 Datasheet HTML 4Page - Micro Linear Corporation ML4642 Datasheet HTML 5Page - Micro Linear Corporation ML4642 Datasheet HTML 6Page - Micro Linear Corporation ML4642 Datasheet HTML 7Page - Micro Linear Corporation ML4642 Datasheet HTML 8Page - Micro Linear Corporation ML4642 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
ML4642
AC ELECTRICAL CHARACTERISTICS
SYMBOLS
PARAMETER
MIN
TYP.
MAX
UNITS
TRANSMIT
tTXNPW
Transmit Turn-On Pulse Width
20
ns
tTXFPW
Transmit Turn-Off Pulse Width
180
ns
tXODY
Transmitter Turn-On Delay
30
ns
tTXLP
Transmit Loopback Startup Delay
40
ns
tTXSDY
Transmit Steady State Prop. Delay
15
ns
tTXJ
Transmitter Jitter
1
ns
RECEIVE
tRXODY
Receive Turn-On Delay
20
ns
tRXSDY
Receive Steady State Prop. Delay
15
ns
tRXJ
Receiver Jitter
1ns
tAR
Differential Output Rise Time
3
ns
20% to 80% (Rx+/–, COL+/–)
tAF
Differential Output Fall Time
3
ns
20% to 80% (Rx+/–, COL+/–)
COLLISION
tCPSQE
Collision Present to SQE Assert
0
200
ns
tSQEXR
Time for SQE to Deactivate after a collision
100
900
ns
tCLF
Collision Frequency
8.5
10
11.5
MHz
tCLPDC
Collision Pulse Duty Cycle
40
50
60
%
tSQEDY
SQE Test Delay (Tx Inactive to SQE)
0.6
1.1
1.6
µs
tSQETD
SQE Test Duration
0.5
1.0
1.5
µs
tSQEB
SQE Blank Period
4
7
µsec
JABBER, LINK TEST AND LED TIMING
tJAD
Jabber Activation Delay
7
13.5
20
ms
tJRT
Jabber Reset Unjab Time
250
450
750
ms
tJSQE
Delay from Outputs Disabled to
100
ns
Collision Oscillator On
tLEDT
CDLED, RxLED, TxLED1, TxLED2 On Time
20
50
300
ms


Similar Part No. - ML4642

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4644 MICRO-LINEAR-ML4644 Datasheet
199Kb / 11P
   4 Port AUI Multiplexer
ML4644CQ MICRO-LINEAR-ML4644CQ Datasheet
199Kb / 11P
   4 Port AUI Multiplexer
More results

Similar Description - ML4642

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4644 MICRO-LINEAR-ML4644 Datasheet
199Kb / 11P
   4 Port AUI Multiplexer
logo
Texas Instruments
SN75LBC088 TI-SN75LBC088 Datasheet
232Kb / 16P
[Old version datasheet]   AUI CONCENTRATOR
logo
Nuvotem Talema
TAM-40A-J TALEMA-TAM-40A-J Datasheet
82Kb / 1P
   AUI Ethernet Isolation Transformers
logo
XFMRS Inc.
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261A XFMRS-XF12261A Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X_15 Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
logo
Datatronic Distribution...
PT21441 DATATRONICS-PT21441 Datasheet
63Kb / 1P
   AUI Isolation Modules in PCMACIA package
logo
Level One
LXT904 LVL1-LXT904 Datasheet
500Kb / 18P
   Ethernet Interface Adapter with EnDec and AUI
logo
E&E Magnetic Products L...
821-02079F EEMAGNETIC-821-02079F Datasheet
75Kb / 3P
   TRANSFORMER, FOR ETHERNET (AUI TRANSFORMER), SMD, 16 PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com