Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF4277-2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLF4277-2
Description  Low Drop Out Linear Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4277-2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLF4277-2 Datasheet HTML 4Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 5Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 6Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 7Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 8Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 9Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 10Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 11Page - Infineon Technologies AG TLF4277-2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
8
Rev. 1.0, 2014-03-13
TLF4277-2
Voltage Regulator
5
Voltage Regulator
5.1
Description Voltage Regulator
The output voltage
V
Q is controlled by comparing the feedback voltage (VADJ) to an internal reference voltage and
driving a PNP pass transistor accordingly. The control loop stability depends on the output capacitor
C
Q, the output
capacitor ESR, the load current and the chip temperature. To ensure stable operation, the output capacitor’s
capacitance and its equivalent series resistor ESR requirements given in the Table 2 “Functional Range” on
Page 7 have to be maintained. For stability details please refer to the typical performance graph “Output Capacitor
Series Resistivity
ESR
CQ” on Page 11. In addition the output capacitor may need to be sized larger to buffer load
transients.
An input capacitor
C
I is not needed for the control loop stability, but recommended to buffer line influences.
Connect the capacitors close to the IC terminals. In general a buffered supply voltage is recommended for the
device. For details see Chapter 9.1.
Protection circuitry prevents the IC as well as the application from destruction in case of catastrophic events. The
integrated safeguards consist of output current limitation, reverse polarity protection as well as thermal shutdown
in case of overtemperature.
In order to avoid excessive power dissipation that could never be handled by the pass element and the package,
an integrated safe operation monitor lowers the maximum output current input voltages above
V
BAT =22V.
The thermal shutdown circuit prevents the IC from immediate destruction under fault conditions (e.g. output
continuously short-circuited) by switching off the power stage. After the chip has cooled down, the regulator
restarts. This leads to a cycling behavior of the output voltage until the fault is removed. However, junction
temperatures above 150 °C are outside the maximum ratings and therefore significantly reduce the IC lifetime.
The TLF4277-2 allows a negative supply voltage. However, several small currents are flowing into the IC
increasing its junction temperature. This reverse current has to be considered for the thermal design, respecting
that the thermal protection circuit is not operating during reverse polarity condition.
Figure 3
Block Diagram Voltage Regulator Circuit
Bandgap
Reference
GND
Q
I
Supply
Regulated
Output Voltage
ADJ
CSO
CI
Load
E.g.
Antenna
Amplitfier
ST
II
VI
IQ
C
ESR
CQ
VQ
EN
Saturation Control
Current Limitation
Temperature
Shutdown


Similar Part No. - TLF4277-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2EL INFINEON-TLF4277-2EL Datasheet
32Kb / 1P
   Material Content Data Sheet
16. September 2015
TLF4277-2EL INFINEON-TLF4277-2EL_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
16. September 2015
TLF4277-2EP INFINEON-TLF4277-2EP Datasheet
1Mb / 30P
   OPTIREGTM linear voltage regulator Low dropout linear voltage regulator
Rev. 1.0 2021-07-23
More results

Similar Description - TLF4277-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com