Electronic Components Datasheet Search |
|
MGBR20V50G-TA2- Datasheet(PDF) 2 Page - Unisonic Technologies |
|
MGBR20V50G-TA2- Datasheet(HTML) 2 Page - Unisonic Technologies |
2 / 3 page MGBR20V50 Preliminary DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-130.b ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified) Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. PARAMETER SYMBOL RATINGS UNIT DC Blocking Voltage VRM 50 V Working Peak Reverse Voltage VRWM 50 V Peak Repetitive Reverse Voltage VRRM 50 V Average Rectified Forward Current (Rated VR-20Khz Square Wave) - 50% Duty Cycle IO 20 A Peak Forward Surge Current - 1/2 60hz IFSM 250 A Peak Repetitive Reverse Surge Current (2uS-1Khz) IRRM 2 A Maximum Rate of Voltage Change ( at Rated VR ) dv/dt 10000 V/μS Operating Junction Temperature TJ -65~+150 °C Storage Junction Temperature TSTG -65~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient TO-220-2 θJA 60 °C/W DFN-8(5×6) 72 ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Reverse Breakdown Voltage (Note 1) V(BR)R IR=0.50mA 50 V Forward Voltage VFM IF=20A, TJ=25°C 0.58 V IF=20A, TJ=125°C 0.53 V Reverse Current (Note 1) IRM VR=50V, TJ=25°C 500 µA VR=50V, TJ=125°C 100 mA Notes: 1. Short duration pulse test used to minimize self-heating effect. 2. Thermal resistance junction to case mounted on heatsink. |
Similar Part No. - MGBR20V50G-TA2- |
|
Similar Description - MGBR20V50G-TA2- |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |