Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP209 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AXP209 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
2. Features
Intelligent Power Select (IPS)
o
Wide input voltage range: 2.9V ~ 6.3V
(AMR:-0.3V ~ 11V)
o
Configurable
Intelligent
Power
Delect
"IPS™" System
o
Adaptive USB (Support USB3.0) Or AC
adapter
with
current
limiting
(4.4V
/
900mA / 500mA / 100mA)
o
Battery path
is
less
than
equivalent
resistance of 75mΩ
Fully Integrated PWM Charger
o
Maximum charge current to 1.8A
o
Support battery temperature monitoring
o
Full support of USB compatible chargers
(including USB 3.0)
o
High charging accuracy error of less than
0.5%
o
Supports
4.1V/4.15V/4.2V/4.36V
and
other battery voltages
o
Automatic charging process control and
management
o
Can
directly
drive
LED
to
indicate
charging status
o
The system automatically adjusts the
charge current to suit the system load
Backup battery support
o
Provision for a backup battery input
supply an RTC Module
o
Supports backup battery charging, with
adjustable charging current.
2 Synchronous Buck Converters
o
DC-DC1: The PWM charger
o
DC-DC2: 1.6A 0.7-2.275V, adjustable
25mV / step, supporting VRC (Voltage
ramp control)
o
DC-DC3: 1.2A 0.7-3.5V, adjustable 25mV
/ step.
5 Linear regulators (LDO)
o
LDO1:30mA Always one
o
LDO2: 200mA Low Noise LDO,1.8V
~3.3V, Adjustable 100mV / step
o
LDO3:
200mA
0.7-3.5V
Adjustable,
25mV / step
o
LDO4: 200mA Low Noise LDO,1.8V ~
3.3V Adjustable 100mV / step
o
LDO5: 50mA Low Noise LDO, 1.8-
3.3V Adjustable, 100mV / step.
Timer (Timer)
o
7bit Timer, Timing
range 1 ~ 127
minutes
o
Timer Interrupt Output
Signal Acquisition System (Signal Capture)
o
Built-in 12-channel 12 Bit ADC
o
Accept two external analog signal inputs
o
Provide battery and external power supply
voltage and current data
o
Built-Precision Coulomb Counter and Fuel
gauge system
o
Provide a wealth of power management
information, such as instantaneous power
(mA
or
mW),
the
remaining
battery
capacity (% or mAh), The state of charge
(%) and remaining battery or charging time
o
Two-level
low-battery
warning
and
protection
o
Provides chip die temperature data
• Application Processor Interface (Host Interface)
o
Host can exchange data through the TWSI
(I2C)
o
Flexible interrupt and sleep management
o
Flexible pin function, multiple GPIO can be
set as IO, ADC and other functions
o
Built-in configurable timer
o
Provide 12 sets of registers that can retain
data when the system is shut down.
• System Management (System Management)
o
Support soft and hard reset
o
Support for soft and hard shutdown
o
Support for external wakeup triggers
o
Supports output voltage monitoring and
self-diagnostic function
o
Output PWROK indication for system
reset or shutdown
o
External
power
detection
(insertion/removal/sufficient
current
capacity)
o
Supports soft power on via GPIOs
o
Over / under voltage protection (OVP /
UVP)
o
Overcurrent protection (OCP)
o
Over-temperature protection (OTP)
o
Support OTG VBUS power state
setting / monitoring
Highly Integrated
o
Internal
precision
voltage
reference
(0.5%)
o
Built-in MOSFET
o
Timing and the output voltages can be
customized
Decryption module (Decryption)
o
128bit OTP password storage
o
Dynamic real-time decryption algorithm
Confidential
Page 4/45


Similar Part No. - AXP209

ManufacturerPart #DatasheetDescription
logo
Shenzhen X-Powers Techn...
AXP209 XPOWER-AXP209 Datasheet
1Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results

Similar Description - AXP209

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP171 ETC2-AXP171 Datasheet
1Mb / 41P
   Enhanced Single Cell Li-Battery and Power System Management IC
logo
Shenzhen X-Powers Techn...
AXP209 XPOWER-AXP209 Datasheet
1Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 XPOWER-AXP173 Datasheet
454Kb / 4P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP176 XPOWER-AXP176 Datasheet
331Kb / 4P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
AXP202 XPOWER-AXP202 Datasheet
688Kb / 4P
   Single Cell Li-Battery PWM Charger and Power System Management IC
logo
List of Unclassifed Man...
AXP202 ETC2-AXP202 Datasheet
1Mb / 48P
   Single Cell Li-Battery PWM Charger and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com