Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300960051 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300960051
Description  Liquid-Tight Grip Strain Relief, 3/4 NPT, 90 Angle Male, Mesh Length 0.111m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300960051 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300960051 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300960051
Status:
Active
Overview:
Strain-Relief Cord Grips
Description:
Liquid-Tight Grip Strain Relief, 3/4" NPT, 90° Angle Male, Mesh Length 0.111m
(4.375")
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR32159
UL
E61303
General
Product Family
Cable Grips
Series
130096
Eye Type
N/A
NEMA Rating
NEMA 4
O-Ring
N/A
Overview
Strain-Relief Cord Grips
Product Literature Order No
987650-8064
Product Name
Liquid-Tight
Type
Strain Relief Grip
UPC
78678836401
Use With
3/4" NPT MAX-LOC® Lock Nut 130099-0144 , 3/4" NPT
MAX-LOC® Gasket Sealing Ring 130099-0150 , 3/4"
NPT MAX-LOC® O-Ring 130180-0333
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
90° Angle
Cable Diameter
N/A
Color - Grommet
N/A
Gender
Male
Material - Body
Malleable Iron, Zinc Plated Steel
Material - Grip
Stainless Steel
Mesh Length
0.111m (4.375")
Number of Holes
N/A
Thread Size
3/4" NPT
Material Info
Old Part Number
36401
Reference - Drawing Numbers
Sales Drawing
SD-130096-101
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130096 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300960051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300960051 MOLEX-1300960051 Datasheet
151Kb / 1P
   STRAIN RELIEF LIQUID TIGHT CONDUIT STRAIGHT- 90 DEGREE
2015/04/27
1300960051 MOLEX-1300960051 Datasheet
151Kb / 1P
   STRAIN RELIEF LIQUID TIGHT CONDUIT STRAIGHT- 90 DEGREE
2015/04/27
More results

Similar Description - 1300960051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130096-0051 MOLEX11-130096-0051 Datasheet
44Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, 90 Angle Male, Mesh Length 0.111m
130096-0045 MOLEX11-130096-0045 Datasheet
43Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, 45 Angle Male, Mesh Length 0.111m
1300960045 MOLEX11-1300960045 Datasheet
36Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, 45 Angle Male, Mesh Length 0.111m
1300960036 MOLEX11-1300960036 Datasheet
35Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, Straight Male, Mesh Length 0.111m
130096-0036 MOLEX11-130096-0036 Datasheet
43Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, Straight Male, Mesh Length 0.111m
1300960045 MOLEX-1300960045 Datasheet
36Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, 45째 Angle Male, Mesh Length 0.111m (4.375)
02/26/2021
130096-0042 MOLEX11-130096-0042 Datasheet
39Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, Straight Female Mesh Length 0.111m
1300960042 MOLEX11-1300960042 Datasheet
32Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/4 NPT, Straight Female Mesh Length 0.111m
130096-0058 MOLEX11-130096-0058 Datasheet
43Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/8 NPT, 90 Angle Male, Mesh Length 0.067m
1300960058 MOLEX11-1300960058 Datasheet
36Kb / 1P
   Liquid-Tight Grip Strain Relief, 3/8 NPT, 90 Angle Male, Mesh Length 0.067m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com