Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7460DP Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI7460DP
Description  N-Channel 60-V (D-S) Fast Switching MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7460DP Datasheet(HTML) 2 Page - Vishay Telefunken

  SI7460DP Datasheet HTML 1Page - Vishay Telefunken SI7460DP Datasheet HTML 2Page - Vishay Telefunken SI7460DP Datasheet HTML 3Page - Vishay Telefunken SI7460DP Datasheet HTML 4Page - Vishay Telefunken SI7460DP Datasheet HTML 5Page - Vishay Telefunken SI7460DP Datasheet HTML 6Page - Vishay Telefunken SI7460DP Datasheet HTML 7Page - Vishay Telefunken SI7460DP Datasheet HTML 8Page - Vishay Telefunken SI7460DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 72126
S09-0227-Rev. D, 09-Feb-09
Vishay Siliconix
Si7460DP
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 18 A
0.008
0.0096
Ω
VGS = 4.5 V, ID = 16 A
0.010
0.012
Forward Transconductancea
gfs
VDS = 15 V, ID = 18 A
60
S
Diode Forward Voltagea
VSD
IS = 4.3 A, VGS = 0 V
0.72
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 18 A
65
100
nC
Gate-Source Charge
Qgs
10.5
Gate-Drain Charge
Qgd
16
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω
20
30
ns
Rise Time
tr
16
25
Turn-Off Delay Time
td(off)
75
120
Fall Time
tf
30
45
Source-Drain Reverse Recovery
Time
trr
IF = 4.3 A, dI/dt = 100 A/µs
41
65
Output Characteristics
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 V thru 4 V
3 V
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7460DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7460DP VISHAY-SI7460DP Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7460DP-T1 VISHAY-SI7460DP-T1 Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7460DP-T1-E3 VISHAY-SI7460DP-T1-E3 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7460DP-T1-GE3 VISHAY-SI7460DP-T1-GE3 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
More results

Similar Description - SI7460DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_15 Datasheet
313Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7460DP VISHAY-SI7460DP Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7850DP VISHAY-SI7850DP_09 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
logo
Vishay Telefunken
SI7850DP TFUNK-SI7850DP Datasheet
317Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
logo
Vishay Siliconix
SI7452DP VISHAY-SI7452DP Datasheet
230Kb / 3P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. B, 13-Feb-06
SI7460DP VISHAY-SI7460DP_V01 Datasheet
333Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7460DP VISHAY-SI7460DP_15 Datasheet
328Kb / 13P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_V01 Datasheet
366Kb / 12P
   N-Channel 60 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com