Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56221 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS56221
Description  TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS56221 Datasheet(HTML) 5 Page - Texas Instruments

  TPS56221_15 Datasheet HTML 1Page - Texas Instruments TPS56221_15 Datasheet HTML 2Page - Texas Instruments TPS56221_15 Datasheet HTML 3Page - Texas Instruments TPS56221_15 Datasheet HTML 4Page - Texas Instruments TPS56221_15 Datasheet HTML 5Page - Texas Instruments TPS56221_15 Datasheet HTML 6Page - Texas Instruments TPS56221_15 Datasheet HTML 7Page - Texas Instruments TPS56221_15 Datasheet HTML 8Page - Texas Instruments TPS56221_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPS56221
www.ti.com
SLUSAH5C – MARCH 2011 – REVISED JANUARY 2015
6.4 Thermal Information
TPS56221
THERMAL METRIC(1)
PQFN
UNIT
22 PINS
RθJA
Junction-to-ambient thermal resistance
34.6
RθJC(top)
Junction-to-case (top) thermal resistance
22.9
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
5.0
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, VVDD = 12 V, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
TJ = 25°C, 4.5 V ≤ VVDD ≤ 14 V
597
600
603
VFB
FB input voltage
mV
–40°C
≤ TJ ≤ 125°C,
594
600
606
4.5 V
≤ VVDD ≤ 14 V
INPUT SUPPLY
VVDD
Input supply voltage range
4.5
14
V
IVDDSD
Shutdown supply current
VEN/SS = 0.2 V
80
120
µA
IVDDQ
Quiescent, nonswitching
Let EN/SS float, VFB = 1 V
2.5
5.0
mA
VUVLO
UVLO ON Voltage
4.0
4.3
V
VUVLO(HYS)
UVLO hysteresis
500
700
mV
ENABLE/SOFT-START
VIH
High-level input voltage, EN/SS
0.55
0.70
1.00
V
VIL
Low-level input voltage, EN/SS
0.27
0.30
0.33
V
ISS
Soft-start source current
8
10
12
µA
Soft-start voltage level – start of
VSS
0.4
0.8
1.3
V
ramp
BP REGULATOR
VBP
Output voltage
IBP = 10 mA
6.2
6.5
6.8
V
Regulator dropout voltage, VVDD
VDO
IBP = 25 mA, VVDD = 4.5 V
70
125
mV
VBP
OSCILLATOR
RCOMP = 40.2 kΩ,
270
300
330
kHz
4.5 V
≤ VVDD ≤ 14 V
RCOMP = open,
fSW
Switching frequency
450
500
550
kHz
4.5 V
≤ VVDD ≤ 14 V
RCOMP = 13.3 kΩ,
0.8
0.95
1.1
MHz
4.5 V
≤ VVDD ≤ 14 V
VRAMP
(1)
Ramp amplitude
VVDD/6.6
VVDD/6
VVDD/5.4
V
PWM
fsw = 300 kHz, VFB = 0 V,
93%
4.5 V
≤ VVDD ≤ 14 V
fsw = 500 kHz, VFB = 0 V,
DMAX
(1)
Maximum duty cycle
90%
4.5 V
≤ VVDD ≤ 14 V
fsw = 1 MHz, VFB = 0 V,
85%
4.5 V
≤ VVDD ≤ 14 V
tON(min)
(1)
Minimum controllable pulse width
100
ns
ERROR AMPLIFIER
(1)
Ensured by design. Not production tested
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS56221


Similar Part No. - TPS56221_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
[Old version datasheet]   Synchronous Buck SWIFT Converter
More results

Similar Description - TPS56221_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com