Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4818 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML4818
Description  Phase Modulation/Soft Switching Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4818 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML4818 Datasheet HTML 4Page - Micro Linear Corporation ML4818 Datasheet HTML 5Page - Micro Linear Corporation ML4818 Datasheet HTML 6Page - Micro Linear Corporation ML4818 Datasheet HTML 7Page - Micro Linear Corporation ML4818 Datasheet HTML 8Page - Micro Linear Corporation ML4818 Datasheet HTML 9Page - Micro Linear Corporation ML4818 Datasheet HTML 10Page - Micro Linear Corporation ML4818 Datasheet HTML 11Page - Micro Linear Corporation ML4818 Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ML4818
SEATING PLANE
0.240 - 0.270
(6.09 - 6.86)
PIN 1 ID
0.295 - 0.325
(7.49 - 8.26)
1.240 - 1.260
(31.49 - 32.01)
0.016 - 0.022
(0.40 - 0.56)
0.100 BSC
(2.54 BSC)
0.008 - 0.012
(0.20 - 0.31)
0.015 MIN
(0.38 MIN)
24
0º - 15º
1
0.050 - 0.065
(1.27 - 1.65)
0.170 MAX
(4.32 MAX)
0.125 MIN
(3.18 MIN)
0.070 MIN
(1.77 MIN)
(4 PLACES)
Package: P24N
24-Pin Narrow PDIP
PHYSICAL DIMENSIONS inches (millimeters)


Similar Part No. - ML4818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4818 FAIRCHILD-ML4818 Datasheet
92Kb / 13P
   Phase Modulation/Soft Switching Controller
ML4818CP FAIRCHILD-ML4818CP Datasheet
92Kb / 13P
   Phase Modulation/Soft Switching Controller
More results

Similar Description - ML4818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4818 FAIRCHILD-ML4818 Datasheet
92Kb / 13P
   Phase Modulation/Soft Switching Controller
logo
Micro Linear Corporatio...
ML4828 MICRO-LINEAR-ML4828 Datasheet
187Kb / 11P
   BiCMOS Phase Modulation/Soft Switching Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
   Dual Mode 30MHz Modulation Laser Controller
logo
Mitel Networks Corporat...
SA866AE MITEL-SA866AE Datasheet
1Mb / 24P
   3-PHASE PULSE WIDTH MODULATION ENGINE
logo
KODENSHI_AUK CORP.
PS117E-1 KODENSHI-PS117E-1 Datasheet
146Kb / 2P
   Exterior light endure by phase-modulation
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
   Exterior light endure by phase-modulation
PS122GD4-A KODENSHI-PS122GD4-A Datasheet
155Kb / 2P
   Exterior light endure by phase-modulation
PS133GD1 KODENSHI-PS133GD1 Datasheet
160Kb / 2P
   Exterior light endure by phase-modulation
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
   Exterior light endure by phase-modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com