Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFZ20 Datasheet(PDF) 7 Page - Vishay Telefunken

Part # SIHFZ20
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIHFZ20 Datasheet(HTML) 7 Page - Vishay Telefunken

  SIHFZ20 Datasheet HTML 1Page - Vishay Telefunken SIHFZ20 Datasheet HTML 2Page - Vishay Telefunken SIHFZ20 Datasheet HTML 3Page - Vishay Telefunken SIHFZ20 Datasheet HTML 4Page - Vishay Telefunken SIHFZ20 Datasheet HTML 5Page - Vishay Telefunken SIHFZ20 Datasheet HTML 6Page - Vishay Telefunken SIHFZ20 Datasheet HTML 7Page - Vishay Telefunken SIHFZ20 Datasheet HTML 8Page - Vishay Telefunken SIHFZ20 Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 91340
www.vishay.com
S10-1682-Rev. A, 26-Jul-10
7
IRFZ20, SiHFZ20
Vishay Siliconix
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?91340.
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
V
GS = 10 V
a
I
SD
Driver gate drive
D.U.T. l
SD waveform
D.U.T. V
DS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
Peak Diode Recovery dV/dt Test Circuit
V
DD
• dV/dt controlled by R
g
• Driver same type as D.U.T.
• I
SD controlled by duty factor “D”
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
Note
a. V
GS = 5 V for logic level devices
V
DD


Similar Part No. - SIHFZ20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFZ20 VISHAY-SIHFZ20 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 26-Jul-10
SIHFZ20 VISHAY-SIHFZ20 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 26-Jul-10
SIHFZ20 VISHAY-SIHFZ20 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
SIHFZ20-E3 VISHAY-SIHFZ20-E3 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 26-Jul-10
SIHFZ20-E3 VISHAY-SIHFZ20-E3 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
More results

Similar Description - SIHFZ20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com