Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS57114MRTETEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57114MRTETEP
Description  TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS57114MRTETEP Datasheet(HTML) 3 Page - Texas Instruments

  TPS57114MRTETEP Datasheet HTML 1Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 2Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 3Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 4Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 5Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 6Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 7Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 8Page - Texas Instruments TPS57114MRTETEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TPS57114-EP
www.ti.com
SLVSCG0 – JULY 2014
6 Description (continued)
Frequency foldback and thermal shutdown protect the device during an overcurrent condition.
The SwitcherPro™ software tool, available at www.ti.com/switcherpro, supports the TPS57114-EP.
For more SWIFT™ documentation, see the TI website at www.ti.com/swift.
TPS57114-EP is a current mode controller used to support various topologies such as buck converter
configuration.
Current mode control is a two-loop system. The switching power supply inductor is hidden within the inner
current control loop. This simplifies the design of the outer voltage control loop and improves power supply
performance in many ways, including better dynamics. The objective of this inner loop is to control the state-
space averaged inductor current, but in practice, the instantaneous peak inductor current is the basis for control
(switch current—equal to inductor current during the on time—is often sensed). If the inductor ripple current is
small, peak inductor current control is nearly equivalent to average inductor current control.
The peak method of inductor current control functions by comparing the upslope of inductor current (or switch
current) to a current program level set by the outer loop. The comparator turns the power switch off when the
instantaneous current reaches the desired level. The current ramp is usually quite small compared to the
programming level, especially when VIN is low. As a result, this method is extremely susceptible to noise. A
noise spike is generated each time the switch turns on. A fraction of a volt coupled into the control circuit can
cause it to turn off immediately, resulting in a subharmonic operating mode with much greater ripple. Circuit
layout and bypassing are critically important to successful operation.
The peak current mode control method is inherently unstable at duty ratios exceeding 0.5, resulting in
subharmonic oscillation. A compensating ramp (with slope equal to the inductor current downslope) is usually
applied to the comparator input to eliminate this instability. Slope compensation must be added to the sensed
current waveform or subtracted from the control voltage to ensure stability above a 50% duty cycle. A
compensating ramp (with slope equal to the inductor current downslope) is usually applied to the comparator
input to eliminate this instability. Current limit control design has numerous advantages:
Current mode control provided peak switch current limiting – pulse-by-pulse current limit.
The control loop is simplified as one pole because the output inductor is pushed to higher frequency, thus a
two-pole system turns into two real poles. Thus, the system reduces to a first-order system and simplifies the
control.
Multiple converters can be paralleled and allow equal current sharing amount the various converters.
Inherently provides for input voltage feed-forward because any perturbation in the input voltage is reflected in
the switch or inductor current. Because switch or inductor current is a direct-control input, this perturbation is
rapidly corrected.
The error amplifier output (outer control loop) defines the level at which the primary current (inner loop)
regulates the pulse duration and output voltage.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS57114MRTETEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57114C-Q1 TI1-TPS57114C-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
TPS57114CQRTERQ1 TI1-TPS57114CQRTERQ1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
TPS57114QRTERQ1 TI1-TPS57114QRTERQ1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS57114MRTETEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com