Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS59650 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS59650
Description  Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS59650 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS59650_15 Datasheet HTML 3Page - Texas Instruments TPS59650_15 Datasheet HTML 4Page - Texas Instruments TPS59650_15 Datasheet HTML 5Page - Texas Instruments TPS59650_15 Datasheet HTML 6Page - Texas Instruments TPS59650_15 Datasheet HTML 7Page - Texas Instruments TPS59650_15 Datasheet HTML 8Page - Texas Instruments TPS59650_15 Datasheet HTML 9Page - Texas Instruments TPS59650_15 Datasheet HTML 10Page - Texas Instruments TPS59650_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
TPS51650, TPS59650
www.ti.com
SLUSAV7
– JANUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VV5 = VV5DRV = 5.0 V; VV3R3 = 3.3 V; VxGFB = VPGND = VGND, VxVFB = VCORE
(Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMERS: SLEW RATE, ISLEW, ADDR, ON-TIME AND I/O TIMING (Continued)
TPS51650
282
323
377
RGF= 20 kΩ, VBAT= 12 V,
VDAC= 1.1 V (275 kHz)
TPS59650
280
323
377
TPS51650
233
270
319
RGF= 24 kΩ, VBAT= 12 V,
VDAC= 1.1 V (330 kHz)
TPS59650
231
270
319
TPS51650
208
236
280
RGF= 30 kΩ, VBAT= 12 V,
VDAC= 1.1 V (385 kHz)
TPS59650
205
236
280
TPS51650
185
210
248
RGF= 39 kΩ, VBAT= 12 V,
VDAC= 1.1 V (440 kHz)
TPS59650
182
210
248
tTON_GPU
GPU on-time
ns
TPS51650
172
195
230
RGF= 56 kΩ, VBAT= 12 V,
VDAC= 1.1 V (495 kHz)
TPS59650
169
195
230
TPS51650
158
178
211
RGF= 75 kΩ, VBAT= 12 V,
VDAC= 1.1 V (550 kHz)
TPS59650
154
178
211
TPS51650
147
166
203
RGF= 100 kΩ, VBAT= 12 V,
VDAC= 1.1 V (605 kHz)
TPS59650
145
166
203
TPS51650
141
157
193
RGF= 150 kΩ, VBAT= 12 V,
VDAC= 1.1 V (660 kHz)
TPS59650
134
157
193
tMIN
Controller minimum off time
Fixed value
150
225
ns
ACK of SetVID-x command to start of voltage
tVCCVID
VID change to xVFB change(3)
2
µs
ramp
tVRONPGD
VR_ON low to xPGOOD low
60
100
ns
tVRTDGLT
VR_HOT deglitch time
0.2
0.5
ms
RSFTSTP
Soft-stop transistor resistance
Connect to CVFB, GVFB
500
740
1100
Ω
PROTECTION: OVP, UVP PGOOD, VR_HOT,
‘FAULTS OFF’ AND INTERNAL THERMAL SHUTDOWN
Fixed OVP voltage threshold
VOVPH
VCSN1 or VGCSN
> VOVPH for 1 µs, DRVL → ON
1.67
1.72
1.77
V
voltage
Measured at the xVFB pin wrt/VID code,
VPGDH
xPGOOD high threshold
190
220
245
mV
device latches OFF
Measured at the xVFB pin wrt/VID code,
VPGDL
xPGOOD low threshold
–348
–315
–278
mV
device latches OFF
bit0 of xTHERM register = high
755
783
810
bit1 of xTHERM register also is high
657
680
707
bit2 of xTHERM register also is high
611
638
665
bit3 of xTHERM register also is high
569
598
624
bit4 of xTHERM register also is high
532
559
585
IMVP-7 thermal bit voltage
VTHERM
mV
bit5 of xTHERM register also is high
498
523
549
definition
bit6 of xTHERM register also is high,
462
455
514
ALERT goes low
bit7 of xTHERM register also is high,
430
455
481
VR_HOT goes low
CDLx goes low, CDHx goes low
373
410
428
ITHRM
THERM current
Leakage current, VxTHERM = 1 V
–2
2
µA
Internal controller thermal
THINT
Latch off controller
155
°C
Shutdown(3)
Controller thermal SD
THHYS
Cooling required before converter can be reset
20
°C
hysteresis(3)
(3)
Specified by design. Not production tested.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS59650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59650RSLR TI1-TPS59650RSLR Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS59650RSLR TI1-TPS59650RSLR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS59650RSLT TI1-TPS59650RSLT Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS59650RSLT TI1-TPS59650RSLT Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results

Similar Description - TPS59650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Texas Instruments
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
TPS51513 TI-TPS51513_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP??SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE??APPLICATIONS
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com