Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60401 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401
Description  TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401 Datasheet(HTML) 5 Page - Texas Instruments

  TPS60401 Datasheet HTML 1Page - Texas Instruments TPS60401 Datasheet HTML 2Page - Texas Instruments TPS60401 Datasheet HTML 3Page - Texas Instruments TPS60401 Datasheet HTML 4Page - Texas Instruments TPS60401 Datasheet HTML 5Page - Texas Instruments TPS60401 Datasheet HTML 6Page - Texas Instruments TPS60401 Datasheet HTML 7Page - Texas Instruments TPS60401 Datasheet HTML 8Page - Texas Instruments TPS60401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS60400, TPS60401
TPS60402, TPS60403
www.ti.com
SLVS324B – JULY 2001 – REVISED APRIL 2015
Electrical Characteristics (continued)
CI = C(fly) = CO (according to Table 1), TC = -40°C to 85°C, VI = 5 V over recommended operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS60400
125
270
TPS60401
65
190
At VI = 5 V
µA
TPS60402
120
270
TPS60403
425
700
Quiescent current (no-load input
IQ
current)
TPS60400
210
TPS60401
135
At T
≤ 60°C,
VI = 5 V
µA
TPS60402
210
TPS60403
640
TPS60400
VCO version
30
50-250
350
TPS60401
13
20
28
fOSC
Internal switching frequency
kHz
TPS60402
30
50
70
TPS60403
150
250
300
TPS60400
CI = C(fly) = CO = 1 µF
12
15
TPS60401
CI = C(fly) = CO = 10 µF
12
15
Impedance at 25°C, VI = 5 V
TPS60402
CI = C(fly) = CO = 3.3 µF
12
15
TPS60403
CI = C(fly) = CO = 1 µF
12
15
7.6 Typical Characteristics
Table 1. Table of Graphs
FIGURE
η
Efficiency
vs Output current at 3.3 V, 5 V
Figure 1,
TPS60400, TPS60401, TPS60402, TPS60403
Figure 2
II
Input current
vs Output current
Figure 3,
TPS60400, TPS60401, TPS60402, TPS60403
Figure 4
IS
Supply current
vs Input voltage
Figure 5,
TPS60400, TPS60401, TPS60402, TPS60403
Figure 6
Output resistance
vs Input voltage at -40°C, 0°C, 25°C, 85°C
Figure 7,
TPS60400, CI = C(fly) = CO = 1 µF
Figure 8,
TPS60401, CI = C(fly) = CO = 10 µF
Figure 9,
TPS60402 , CI = C(fly) = CO = 3.3 µF
Figure 10
TPS60403, CI = C(fly) = CO = 1 µF
VO
Output voltage
vs Output current at 25°C, VIN=1.8 V, 2.5 V, 3.3 V, 5 V
Figure 11,
TPS60400, CI = C(fly) = CO = 1 µF
Figure 12,
TPS60401, CI = C(fly) = CO = 10 µF
Figure 13,
TPS60402 , CI = C(fly) = CO = 3.3 µF
Figure 14
TPS60403, CI = C(fly) = CO = 1 µF
fOSC
Oscillator frequency
vs Temperature at VI = 1.8 V, 2.5 V, 3.3 V, 5 V
Figure 15,
TPS60400, TPS60401, TPS60402, TPS60403
Figure 16,
Figure 17,
Figure 18
fOSC
Oscillator frequency
vs Output current
Figure 19
TPS60400 at 2 V, 3.3 V, 5.0 V
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403


Similar Part No. - TPS60401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60401 TI-TPS60401 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401-Q1 TI1-TPS60401-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBV TI-TPS60401DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVR TI1-TPS60401DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60401DBVRG4 TI1-TPS60401DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com