Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61026 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61026
Description  TPS6102x 96% Efficient Synchronous Boost Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61026 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61026 Datasheet HTML 7Page - Texas Instruments TPS61026 Datasheet HTML 8Page - Texas Instruments TPS61026 Datasheet HTML 9Page - Texas Instruments TPS61026 Datasheet HTML 10Page - Texas Instruments TPS61026 Datasheet HTML 11Page - Texas Instruments TPS61026 Datasheet HTML 12Page - Texas Instruments TPS61026 Datasheet HTML 13Page - Texas Instruments TPS61026 Datasheet HTML 14Page - Texas Instruments TPS61026 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VBAT = 5 V
VBAT = 3.6 V
VBAT = 2.4 V
VBAT = 1.8 V
VBAT = 1.2 V
VO − Output Voltage − V
TPS61020, TPS61024, TPS61025, TPS61026, TPS61027, TPS61028, TPS61029
www.ti.com
SLVS451G – SEPTEMBER 2003 – REVISED DECEMBER 2014
Feature Description (continued)
10.3.5 Undervoltage Lockout
An undervoltage lockout function prevents device start-up if the supply voltage on VBAT is lower than
approximately 0.8 V. When in operation and the battery is being discharged, the device automatically enters the
shutdown mode if the voltage on VBAT drops below approximately 0.8 V. This undervoltage lockout function is
implemented in order to prevent the malfunctioning of the converter.
10.3.6 Softstart and Short Circuit Protection
When the device enables, the internal startup cycle starts with the first step, the precharge phase. During
precharge, the rectifying switch is turned on until the output capacitor is charged to a value close to the input
voltage. The rectifying switch is current limited during that phase. The current limit increases with the output
voltage. This circuit also limits the output current under short circuit conditions at the output. Figure 12 shows the
typical precharge current vs output voltage for specific input voltages:
Figure 12. Precharge and Short Circuit Current
After charging the output capacitor to the input voltage, the device starts switching. If the input voltage is below
1.4 V the device works with a fixed duty cycle of 50% until the output voltage reaches 1.4 V. After that the duty
cycle is set depending on the input output voltage ratio. Until the output voltage reaches its nominal value, the
boost switch current limit is set to 40% of its nominal value to avoid high peak currents at the battery during
startup. As soon as the output voltage is reached, the regulator takes control and the switch current limit is set
back to 100%.
10.3.7 Low Battery Detector Circuit—LBI/LBO
The low-battery detector circuit is typically used to supervise the battery voltage and to generate an error flag
when the battery voltage drops below a user-set threshold voltage. The function is active only when the device is
enabled. When the device is disabled, the LBO pin is high-impedance. The switching threshold is 500 mV at LBI.
During normal operation, LBO stays at high impedance when the voltage, applied at LBI, is above the threshold.
It is active low when the voltage at LBI goes below 500 mV.
The battery voltage, at which the detection circuit switches, can be programmed with a resistive divider
connected to the LBI pin. The resistive divider scales down the battery voltage to a voltage level of 500 mV,
which is then compared to the LBI threshold voltage. The LBI pin has a built-in hysteresis of 10 mV. See the
application section for more details about the programming of the LBI threshold. If the low-battery detection
circuit is not used, the LBI pin should be connected to GND (or to VBAT) and the LBO pin can be left
unconnected. Do not let the LBI pin float.
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61020 TPS61024 TPS61025 TPS61026 TPS61027 TPS61028 TPS61029


Similar Part No. - TPS61026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61026 TI-TPS61026 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61026DRC TI-TPS61026DRC Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61026DRCR TI-TPS61026DRCR Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61026DRCRG4 TI-TPS61026DRCRG4 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61026DRCT TI-TPS61026DRCT Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
More results

Similar Description - TPS61026

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com