Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61031 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61031
Description  TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61031 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61031 Datasheet HTML 3Page - Texas Instruments TPS61031 Datasheet HTML 4Page - Texas Instruments TPS61031 Datasheet HTML 5Page - Texas Instruments TPS61031 Datasheet HTML 6Page - Texas Instruments TPS61031 Datasheet HTML 7Page - Texas Instruments TPS61031 Datasheet HTML 8Page - Texas Instruments TPS61031 Datasheet HTML 9Page - Texas Instruments TPS61031 Datasheet HTML 10Page - Texas Instruments TPS61031 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
50
55
60
65
70
75
80
85
90
95
100
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
VI - Input Voltage - V
IO = 100 mA
IO = 10 mA
IO = 1000 mA
3.2
3.25
3.3
3.35
3.4
1
10
100
1000
10000
IO - Output Current - mA
50
80
90
100
VI - Input Voltage - V
IO = 10 mA
IO = 100 mA
1.8
2
2.6
2.8
3
2.2
2.4
3.2
60
IO = 1000 mA
70
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VBAT = 3.3 V
VBAT = 2.4 V
IO - Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
IO - Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VBAT = 2.4 V
VBAT = 1.8 V
IO - Output Current - mA
TPS61030, TPS61031, TPS61032
www.ti.com
SLUS534G – SEPTEMBER 2002 – REVISED MARCH 2015
VO = 3.3 V
VO = 2.5 V
VI = 1.8 V
Figure 4. TPS61031 Efficiency vs Output Current
Figure 3. TPS61030 Efficiency vs Output Current
VO = 5 V
Figure 5. Tps61032 Efficiency vs Output Current
Figure 6. TPS61031 Efficiency vs Input Voltage
VBAT = 2.4 V
Figure 7. TPS61032 Efficiency vs Input Voltage
Figure 8. TPS61031 Output Voltage vs Output Current
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61030 TPS61031 TPS61032


Similar Part No. - TPS61031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61031 TI-TPS61031 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61031 TI-TPS61031 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61031 TI1-TPS61031 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61031PWP TI-TPS61031PWP Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61031PWP TI-TPS61031PWP Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
More results

Similar Description - TPS61031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com