Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61281 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61281
Description  TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61281 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61281 Datasheet HTML 1Page - Texas Instruments TPS61281 Datasheet HTML 2Page - Texas Instruments TPS61281 Datasheet HTML 3Page - Texas Instruments TPS61281 Datasheet HTML 4Page - Texas Instruments TPS61281 Datasheet HTML 5Page - Texas Instruments TPS61281 Datasheet HTML 6Page - Texas Instruments TPS61281 Datasheet HTML 7Page - Texas Instruments TPS61281 Datasheet HTML 8Page - Texas Instruments TPS61281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
SW
PGND
AGND
PGND
SW
nBYP
AGND
PGND
TOP VIEW
D4
D3
D2
D1
C4
PGND
C3
C2
C1
nBYP
PGND
SW
AGND
AGND
BOTTOM VIEW
VSEL
MODE
VOUT
VOUT
VOUT
B1
B2
B3
B4
VOUT
VSEL
MODE
EN
PG
VIN
VIN
VIN
A1
A2
A3
A4
VIN
EN
PG
SW
PGND
TPS61280, TPS61281, TPS61282
www.ti.com
SLVSBI1A – OCTOBER 2013 – REVISED SEPTEMBER 2014
TPS6128x
Pin Functions - TPS6128x
PIN
I/O
DESCRIPTION
NAME
NO.
VIN
A3, A4
I
Power supply input.
VOUT
B3, B4
O
Boost converter output.
This is the enable pin of the device. On the rising edge of the enable pin, all the registers are reset
with their default values. This input must not be left floating and must be terminated.
EN = Low: The device is forced into shutdown mode. Depending on the logic level applied to the
nBYP input, the converter can either be forced in pass-through mode or it's output can be regulated to
EN
A1
I
a minimum level so as to limit the input-to-output voltage difference to less than 3.6V (typ). The
current consumption is reduced to a few µA. For more details, refer to Table 2.
EN = High: The device is operating normally featuring automatic dc/dc boost, pass-through mode
transition. For more details, refer to Table 2.
Power-Good Output (open-drain output to host): A logic high on the PG output indicates that the
converter's output voltage is within its regulation limits. A logic low indicates a fault has occurred (e.g.
PG
A2
O
thermal shutdown, output voltage out of limits, current limit triggered etc ...). The PG signal is de-
asserted automatically once the IC resumes proper operation.
VSEL signal is primarily used to set the output voltage dc/dc boost, pass-through threshold. This pin
VSEL
B1
I
must not be left floating and must be terminated.
A logic low level on the nBYP input forces the device in pass-through mode. For more details, refer to
nBYP
C1
I
Table 2. This pin must not be left floating and must be terminated.
This is the mode selection pin of the device. This pin must not be left floating, must be terminated and
can be connected to AGND. During start-up this pin must be held low. Once the output voltage settled
and PG pin indicates that the converter's output voltage is within its regulation limits the device can be
forced in PWM mode operation by applying a high level on this pin.
MODE
B2
I
MODE = Low: The device is operating in regulated frequency pulse width modulation mode (PWM) at
high-load currents and in pulse frequency modulation mode (PFM) at light load currents. This pin
must be held low during device start-up.
MODE = High: Low-noise mode enabled, regulated frequency PWM operation forced.
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of the
SW
C3, C4
I/O
inductor.
PGND
D2, D3, D4
Power ground pin.
AGND
C2, D1
Analog ground pin. This is the signal ground reference for the IC.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS61280 TPS61281 TPS61282


Similar Part No. - TPS61281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61281 TI1-TPS61281 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281A TI1-TPS61281A Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281AYFFR TI1-TPS61281AYFFR Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281AYFFT TI1-TPS61281AYFFT Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281D TI1-TPS61281D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
More results

Similar Description - TPS61281

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280 TI1-TPS61280 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI1-TPS61280A_16 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_V01 Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com