Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61259 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61259
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61259 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61259 Datasheet HTML 7Page - Texas Instruments TPS61259 Datasheet HTML 8Page - Texas Instruments TPS61259 Datasheet HTML 9Page - Texas Instruments TPS61259 Datasheet HTML 10Page - Texas Instruments TPS61259 Datasheet HTML 11Page - Texas Instruments TPS61259 Datasheet HTML 12Page - Texas Instruments TPS61259 Datasheet HTML 13Page - Texas Instruments TPS61259 Datasheet HTML 14Page - Texas Instruments TPS61259 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
150
155
160
165
170
175
180
185
190
195
200
205
210
215
220
225
230
235
240
245
250
0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3 3.3 3.6 3.9 4.2 4.5
Differential Input - Output Voltage - V
V = 4.5 V,
T = 25°C
I
A
V = 2.7 V,
T = 25°C
I
A
V = 3.6 V,
T = 25°C
I
A
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
V - Input Voltage - V
I
0
5
10
15
20
25
30
35
40
45
V ~ V
I
= 0 mA
Standby Operation
I
O
O
T = -40°C
A
T = 25°C
A
T = 85°C
A
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9
V - Input Voltage - V
I
15
20
25
30
35
40
45
50
55
60
65
70
75
80
T = 85°C
A
T = 25°C
A
T = -40°C
A
V
= 5 V
I
= 0 mA
O
O
0
5
10
15
20
25
30
35
40
45
50
55
60
0
200
400
600
800
1000 1200
1400
V = 4.5 V
I
V = 3.6 V
I
V = 3.3 V
I
V
= 5 V (TPS61253)
PFM/PWM Operation
O
I
- Output Current - mA
O
CO = x2 10 F 6.3 V (0603) X5R,
muRata GRM188R60J106ME84D
m
0
5
10
15
20
25
30
35
40
45
50
55
60
0
100 200 300 400 500 600 700 800 900 1000
I
- Output Current - mA
O
V = 4.5 V
I
V = 2.7 V
I
V = 3.3 V
I
V = 3.6 V
I
V
= 5 V (TPS61256)
PFM/PWM Operation
O
C = 10 F 6.3V (0603) X5R, muRata
O
GRM188R60J106ME84D
V = 4.5 V
I
V = 2.7 V
I
V = 3.3 V
I
V = 3.6 V
I
0
100 200 300 400 500 600 700 800 900 1000
I
- Output Current - mA
O
0
5
10
15
20
25
30
35
40
45
50
55
60
V
= 5 V (TPS61256)
PFM/PWM Operation
O
C = 22 F 10V (1210) X5R, muRata GRM32ER71A226K
O
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259
www.ti.com
SLVSAG8E – SEPTEMBER 2011 – REVISED MARCH 2015
Figure 16. Peak-to-Peak Output Ripple Voltage vs Output
Figure 15. Peak-to-Peak Output Ripple Voltage vs Output
Current
Current
Figure 17. Peak-to-Peak Output Ripple Voltage vs Output
Figure 18. Supply Current vs Input Voltage
Current
Figure 19. Supply Current vs Input Voltage
Figure 20. DC Pre-Charge Current vs Differential Input-
Output Voltage
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259


Similar Part No. - TPS61259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61259 TI1-TPS61259 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS612592 TI1-TPS612592 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS612592A TI-TPS612592A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612592A TI1-TPS612592A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TPS612592YFFR TI1-TPS612592YFFR Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com