Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62080 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62080
Description  TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62080_15 Datasheet HTML 5Page - Texas Instruments TPS62080_15 Datasheet HTML 6Page - Texas Instruments TPS62080_15 Datasheet HTML 7Page - Texas Instruments TPS62080_15 Datasheet HTML 8Page - Texas Instruments TPS62080_15 Datasheet HTML 9Page - Texas Instruments TPS62080_15 Datasheet HTML 10Page - Texas Instruments TPS62080_15 Datasheet HTML 11Page - Texas Instruments TPS62080_15 Datasheet HTML 12Page - Texas Instruments TPS62080_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TPS62080, TPS62080A, TPS62081, TPS62082
www.ti.com
SLVSAE8E – SEPTEMBER 2011 – REVISED APRIL 2015
Feature Description (continued)
8.3.4 Soft-Start
After enabling the device, an internal soft-start circuitry monotonically ramps up the output voltage and reaches
the nominal output voltage during a soft start time (100 µs typical). This avoids excessive inrush current and
creates a smooth output voltage rise slope. It also prevents excessive voltage drops of primary cells and
rechargeable batteries with high internal impedance.
If the output voltage is not reached within the soft start time, such as in the case of heavy load, the converter
enters regular operation. Consequently, the inductor current limit operates as described below. The TPS6208x is
able to start into a pre-biased output capacitor. The converter starts with the applied bias voltage and ramps up
the output voltage to its nominal value.
8.3.5 Undervoltage Lockout
To avoid mis-operation of the device at low input voltages, an undervoltage lockout is implemented that shuts
down the device at voltages lower than VUVLO with a 120 mV typical hysteresis.
8.3.6 Thermal Shutdown
The device goes into thermal shutdown once the junction temperature exceeds typically TJSD. Once the device
temperature falls below the threshold minus hysteresis, the device returns to normal operation automatically.
8.3.7 Inductor Current Limit
The Inductor Current Limit prevents the device from high inductor current and drawing excessive current from the
battery or input voltage rail. Excessive current might occur with a shorted/saturated inductor or a heavy
load/shorted output circuit condition.
The incorporated inductor peak current limit measures the current in the high-side and low-side power MOSFET.
Once the high-side switch current limit is tripped, the high-side MOSFET is turned off and the low-side MOSFET
is turned on to reduce the inductor current. When the inductor current drops down to the low-side switch current
limit, the low-side MOSFET is turned off and the high-side switch is turned on again. This operation repeats until
the inductor current does not reach the high-side switch current limit. Due to internal propagation delays, the real
current limit value can exceed the static current limit in Electrical Characteristics.
8.4 Device Functional Modes
8.4.1 Enabling and Disabling the Device
The device is enabled by setting the EN input to a logic HIGH. Accordingly, a logic LOW disables the device. If
the device is enabled, the internal power stage starts switching and regulates the output voltage to the
programmed threshold. The EN input must be terminated with a resistance less than 1M
Ω pulled to VIN or GND.
8.4.2 Power Save Mode
As the load current decreases the TPS6208x enters Power Save Mode operation. During Power Save Mode, the
converter operates with reduced switching frequency in PFM mode and with a minimum quiescent current
maintaining high efficiency. Power Save Mode occurs when the inductor current becomes discontinuous. It is
based on a fixed on time architecture. The typical on time is given by ton = 500 ns × (VOUT/VIN). The switching
frequency over the whole load current range is shown in Figure 21 and Figure 22.
8.4.3 Snooze Mode
The TPS6208x offers a Snooze Mode function. If Snooze Mode is enabled by an external logic signal setting the
MODE pin to HIGH, the device's quiescent current consumption is reduced to typically 6.5 µA. As a result, the
high efficiency range is extended towards the range of lowest output currents below 2 mA. See the efficiency
figures in Application Curves.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082


Similar Part No. - TPS62080_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
More results

Similar Description - TPS62080_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62095 TI1-TPS62095_16 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com