Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62085 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62085
Description  TPS6208x 3-A Step-Down Converter With Hiccup Short-Circuit Protection In 2 횞 2 QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62085 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62085_15 Datasheet HTML 3Page - Texas Instruments TPS62085_15 Datasheet HTML 4Page - Texas Instruments TPS62085_15 Datasheet HTML 5Page - Texas Instruments TPS62085_15 Datasheet HTML 6Page - Texas Instruments TPS62085_15 Datasheet HTML 7Page - Texas Instruments TPS62085_15 Datasheet HTML 8Page - Texas Instruments TPS62085_15 Datasheet HTML 9Page - Texas Instruments TPS62085_15 Datasheet HTML 10Page - Texas Instruments TPS62085_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IN,MIN
OUT
OUT,MAX
DS(on)
L
V
V
I
(R
+ R )
=
+
´
OUT
ON
IN
OUT
PFM
2
IN
OUT
IN
ON
OUT
V
t
420 ns
V
2
I
f
V
V
V
t
V
L
=
´
´
=
-
´
´
TPS62085, TPS62086, TPS62087
www.ti.com
SLVSB70A – OCTOBER 2013 – REVISED JUNE 2015
9.3 Feature Description
9.3.1 Power Save Mode
As the load current decreases, the TPS62085, TPS62086, and TPS62087 enter Power Save Mode operation.
During Power Save Mode, the converter operates with reduced switching frequency and with a minimum
quiescent current maintaining high efficiency. The power save mode occurs when the inductor current becomes
discontinuous. Power Save Mode is based on a fixed on-time architecture, as related in Equation 1. The
switching frequency over the whole load current range is also shown in Figure 1 for a typical application.
(1)
In Power Save Mode, the output voltage rises slightly above the nominal output voltage, as shown in Figure 8.
This effect is minimized by increasing the output capacitor or inductor value. The output voltage accuracy in PFM
operation is reflected in the electrical specification table and given for a 22-
μF output capacitor.
9.3.2 100% Duty Cycle Low Dropout Operation
The devices offer low input-to-output voltage difference by entering 100% duty cycle mode. In this mode, the
high-side MOSFET switch is constantly turned on and the low-side MOSFET is switched off. This is particularly
useful in battery powered applications to achieve the longest operation time by taking full advantage of the whole
battery voltage range. The minimum input voltage to maintain output regulation, depending on the load current
and output voltage can be calculated as:
with
VIN,MIN = Minimum input voltage to maintain an output voltage
IOUT,MAX = Maximum output current
RDS(on) = High-side FET ON-resistance
RL = Inductor ohmic resistance (DCR)
(2)
9.3.3 Soft Start
The TPS62085, TPS62086, and TPS62087 have an internal soft-start circuitry which monotonically ramps up the
output voltage and reaches the nominal output voltage during a soft-start time of typically 0.8 ms. This avoids
excessive inrush current and creates a smooth output voltage slope. It also prevents excessive voltage drops of
primary cells and rechargeable batteries with high internal impedance. The device is able to start into a
prebiased output capacitor. The device starts with the applied bias voltage and ramps the output voltage to its
nominal value.
9.3.4 Switch Current Limit and Hiccup Short-Circuit Protection
The switch current limit prevents the devices from high inductor current and from drawing excessive current from
the battery or input voltage rail. Excessive current might occur with a shorted or saturated inductor or a heavy
load or shorted output circuit condition. If the inductor current reaches the threshold ILIM, the high-side MOSFET
is turned off and the low-side MOSFET is turned on to ramp down the inductor current. When this switch current
limits is triggered 32 times, the devices stop switching and enable the output discharge. The devices then
automatically start a new start-up after a typical delay time of 66 µs has passed. This is named HICCUP short-
circuit protection. The devices repeat this mode until the high load condition disappears.
9.3.5 Undervoltage Lockout
To avoid misoperation of the device at low input voltages, an undervoltage lockout (UVLO) is implemented,
which shuts down the devices at voltages lower than VUVLO with a hysteresis of 200 mV.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62085 TPS62086 TPS62087


Similar Part No. - TPS62085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
More results

Similar Description - TPS62085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com