Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S11105 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S11105
Description  CMOS linear image sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11105 Datasheet(HTML) 9 Page - Hamamatsu Corporation

  S11105_15 Datasheet HTML 1Page - Hamamatsu Corporation S11105_15 Datasheet HTML 2Page - Hamamatsu Corporation S11105_15 Datasheet HTML 3Page - Hamamatsu Corporation S11105_15 Datasheet HTML 4Page - Hamamatsu Corporation S11105_15 Datasheet HTML 5Page - Hamamatsu Corporation S11105_15 Datasheet HTML 6Page - Hamamatsu Corporation S11105_15 Datasheet HTML 7Page - Hamamatsu Corporation S11105_15 Datasheet HTML 8Page - Hamamatsu Corporation S11105_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CMOS linear image sensors
S11105 series
Cat. No. KMPD1111E05 Nov. 2013 DN
9
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of November, 2013.
Recommended solder reflow condition (S11105-01)
Time (s)
0
50
100
150
250
200
300
0
50
100
150
200
250
300
Peak temperature 240 °C max.
KAPDB0169EA
Related information
∙ Notice
∙ Image sensors/Precautions
∙ Surface mount type products/Precautions
Precautions
www.hamamatsu.com/sp/ssd/doc_en.html


Similar Part No. - S11105_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11106-10 HAMAMATSU-S11106-10_15 Datasheet
1Mb / 12P
   CMOS linear image sensors
S11108 HAMAMATSU-S11108 Datasheet
1Mb / 9P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108_15 Datasheet
401Kb / 9P
   CMOS linear image sensor
More results

Similar Description - S11105_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10453 HAMAMATSU-S10453_15 Datasheet
276Kb / 7P
   CMOS linear image sensors
S10121 HAMAMATSU-S10121_15 Datasheet
387Kb / 13P
   CMOS linear image sensors
S8377 HAMAMATSU-S8377_15 Datasheet
847Kb / 7P
   CMOS linear image sensors
S9227 HAMAMATSU-S9227_15 Datasheet
384Kb / 8P
   CMOS linear image sensors
S11106-10 HAMAMATSU-S11106-10_15 Datasheet
1Mb / 12P
   CMOS linear image sensors
S9226 HAMAMATSU-S9226_15 Datasheet
1,000Kb / 9P
   CMOS linear image sensors
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
S10226-10 HAMAMATSU-S10226-10_15 Datasheet
540Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com