Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10121 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S10121
Description  CMOS linear image sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10121 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S10121_15 Datasheet HTML 1Page - Hamamatsu Corporation S10121_15 Datasheet HTML 2Page - Hamamatsu Corporation S10121_15 Datasheet HTML 3Page - Hamamatsu Corporation S10121_15 Datasheet HTML 4Page - Hamamatsu Corporation S10121_15 Datasheet HTML 5Page - Hamamatsu Corporation S10121_15 Datasheet HTML 6Page - Hamamatsu Corporation S10121_15 Datasheet HTML 7Page - Hamamatsu Corporation S10121_15 Datasheet HTML 8Page - Hamamatsu Corporation S10121_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
CMOS linear image sensors
S10121 to S10124 series
GND
4.7 V (Saturation output charge=70 pC)
GND
CLK
Video
5 V/div.
1 V/div.
1 μs/div.
GND
4.7 V (Saturation output charge=70 pC)
GND
CLK
Video
5 V/div.
1 V/div.
20 μs/div.
Output waveform of one pixel (S10124-1024Q)
f(CLK)=10 kHz, Cf=15 pF, G=1
f(CLK)=250 kHz, Cf=15 pF, G=1


Similar Part No. - S10121_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Hamamatsu Corporation
S10127 HAMAMATSU-S10127 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S10128 HAMAMATSU-S10128 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
logo
Teccor Electronics
S1012L TECCOR-S1012L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S10121_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
   CMOS linear image sensors
S10453 HAMAMATSU-S10453_15 Datasheet
276Kb / 7P
   CMOS linear image sensors
S8377 HAMAMATSU-S8377_15 Datasheet
847Kb / 7P
   CMOS linear image sensors
S9227 HAMAMATSU-S9227_15 Datasheet
384Kb / 8P
   CMOS linear image sensors
S11106-10 HAMAMATSU-S11106-10_15 Datasheet
1Mb / 12P
   CMOS linear image sensors
S9226 HAMAMATSU-S9226_15 Datasheet
1,000Kb / 9P
   CMOS linear image sensors
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
S10226-10 HAMAMATSU-S10226-10_15 Datasheet
540Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com