Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10121 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S10121
Description  CMOS linear image sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10121 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S10121_15 Datasheet HTML 1Page - Hamamatsu Corporation S10121_15 Datasheet HTML 2Page - Hamamatsu Corporation S10121_15 Datasheet HTML 3Page - Hamamatsu Corporation S10121_15 Datasheet HTML 4Page - Hamamatsu Corporation S10121_15 Datasheet HTML 5Page - Hamamatsu Corporation S10121_15 Datasheet HTML 6Page - Hamamatsu Corporation S10121_15 Datasheet HTML 7Page - Hamamatsu Corporation S10121_15 Datasheet HTML 8Page - Hamamatsu Corporation S10121_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMOS linear image sensors
High sensitivity and smoothly varying spectral
response in UV region current-output type sen-
sors with variable integration time function
S10121 to S10124 series
www.hamamatsu.com
1
Smoothly varying spectral response characteristics in
UV region
Large saturation output charge
High UV sensitivity
Absolute maximum ratings
Structure
Parameter
Symbol
Condition
Value
Unit
Supply voltage
Vdd
Ta=25 °C
-0.3 to +6
V
Clock pulse voltage
V(CLK)
Ta=25 °C
-0.3 to +6
V
Start pulse voltage
V(ST)
Ta=25 °C
-0.3 to +6
V
Integration time control pulse
V(INT)
Ta=25 °C
-0.3 to +6
V
Overflow gate voltage
Vofg
Ta=25 °C
-0.3 to +6
V
Overflow drain voltage
Vofd
Ta=25 °C
-0.3 to +6
V
Operating temperature*1
Topr
-5 to +65
°C
Storage temperature*1
Tstg
-10 to +85
°C
*1: No condensation
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Type no.
Number of pixels
Pixel pitch
(μm)
Pixel height
(mm)
Package
Window material
Weight
(g)
S10121-128Q
128
50
2.5
Ceramic
Quartz
(t=0.5 mm)
3.0
S10121-256Q
256
S10121-512Q
512
3.5
S10122-128Q
128
0.5
3.0
S10122-256Q
256
S10122-512Q
512
3.5
S10123-256Q
256
25
0.5
3.0
S10123-512Q
512
S10123-1024Q
1024
3.5
S10124-256Q
256
2.5
3.0
S10124-512Q
512
S10124-1024Q
1024
3.5
Variable integration time for each pixel
Wide photosensitive area
Pixel pitch: 50 μm, 25 μm
Pixel height: 2.5 mm, 0.5 mm
The S10121 to S10124 series are self-scanning photodiode arrays designed specifically as detectors for spectroscopy. The
scanning circuit operates at low power consumption and is easy to handle. Each photodiode has a large photosensitive area
with high sensitivity and smoothly varying spectral response characteristics in UV region.
Spectrophotometry
Features
Applications


Similar Part No. - S10121_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Hamamatsu Corporation
S10127 HAMAMATSU-S10127 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S10128 HAMAMATSU-S10128 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
logo
Teccor Electronics
S1012L TECCOR-S1012L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S10121_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
   CMOS linear image sensors
S10453 HAMAMATSU-S10453_15 Datasheet
276Kb / 7P
   CMOS linear image sensors
S8377 HAMAMATSU-S8377_15 Datasheet
847Kb / 7P
   CMOS linear image sensors
S9227 HAMAMATSU-S9227_15 Datasheet
384Kb / 8P
   CMOS linear image sensors
S11106-10 HAMAMATSU-S11106-10_15 Datasheet
1Mb / 12P
   CMOS linear image sensors
S9226 HAMAMATSU-S9226_15 Datasheet
1,000Kb / 9P
   CMOS linear image sensors
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01_15 Datasheet
424Kb / 8P
   CCD linear image sensors
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
S10226-10 HAMAMATSU-S10226-10_15 Datasheet
540Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com