Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9979 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # S9979
Description  CCD area image sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9979 Datasheet(HTML) 6 Page - Hamamatsu Corporation

  S9979_15 Datasheet HTML 1Page - Hamamatsu Corporation S9979_15 Datasheet HTML 2Page - Hamamatsu Corporation S9979_15 Datasheet HTML 3Page - Hamamatsu Corporation S9979_15 Datasheet HTML 4Page - Hamamatsu Corporation S9979_15 Datasheet HTML 5Page - Hamamatsu Corporation S9979_15 Datasheet HTML 6Page - Hamamatsu Corporation S9979_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CCD area image sensor
S9979
87.0
28 27
16 15
PIN No. 1 2
13 14
2.54
0.46
33.02
2.5
1.3
0.5
QUARTZ WINDOW
PHOTOSENSITIVE
SURFACE
INDEX MARK
TDI direction
6
KMPDA0203EB
s Dimensional outline (unit: mm)
s Pin connections
Pin No.
Sym bol
Description
Rem ark
1
RG
Reset gate
2
RD
Reset drain
3
SSA
Analog ground
4
OS
Output transistor source
5
OD
Output transistor drain
6
OG
Output gate
7
SG
Sum ming gate
8
P2AH
CCD horizontal register clock A-2
9
P1AH
CCD horizontal register clock A-1
10
NC
11
SSD
Digital ground
12
P2BH
CCD horizontal register clock B-2
Sam e timing as P2AH
13
P1BH
CCD horizontal register clock B-1
Sam e timing as P1AH
14
IGH
Test point (Horizontal input gate)
15
ISV
Test point (Vertical input source)
Shorted to RD
16 to 22
NC
23
IGV
Test point (Vertical input gate)
24
P1BV
CCD vertical register clock B-1
Sam e timing as P1AV
25
P2BV
CCD vertical register clock B-2
Sam e timing as P2AV
26
P1AV
CCD vertical register clock A-1
27
P2AV
CCD vertical register clock A-2
28
TG
Transfer gate
s Precautions for use (Electrostatic countermeasures)
q Handle these sensors with bare hands or wearing cotton gloves. In addition, wear anti-static clothing or use a wrist band with
an earth ring, in order to prevent electrostatic damage due to electrical charges from friction.
q Avoid directly placing these sensors on a work-desk or work-bench that may carry an electrostatic charge.
q Provide ground lines or ground connection with the work-floor, work-desk and work-bench to allow static electricity to dis-
charge.
q Ground the tools used to handle these sensors, such as tweezers and soldering irons.
It is not always necessary to provide all the electrostatic measures stated above. Implement these measures according to the
amount of damage that occurs.
s Element cooling/heating temperature incline rate
When cooling the CCD by an externally attached cooler, set the cooler operation so that the temperature gradient (rate of
temperature change) for cooling or allowing the CCD to warm back is less than 5 K/minute.


Similar Part No. - S9979_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9979 HAMAMATSU-S9979_11 Datasheet
136Kb / 7P
   CCD area image sensor TDI operation / large active area CCD
More results

Similar Description - S9979_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com