Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4876 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4876
Description  LCD Backlight Lamp Driver with Contrast
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4876 Datasheet(HTML) 8 Page - Micro Linear Corporation

  ML4876 Datasheet HTML 1Page - Micro Linear Corporation ML4876 Datasheet HTML 2Page - Micro Linear Corporation ML4876 Datasheet HTML 3Page - Micro Linear Corporation ML4876 Datasheet HTML 4Page - Micro Linear Corporation ML4876 Datasheet HTML 5Page - Micro Linear Corporation ML4876 Datasheet HTML 6Page - Micro Linear Corporation ML4876 Datasheet HTML 7Page - Micro Linear Corporation ML4876 Datasheet HTML 8Page - Micro Linear Corporation ML4876 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ML4876
8
CONTRAST CONTROL GENERATOR
The contrast voltage generator is a separate regulator in a
flyback configuration. In conjunction with the external
transformer (T3), MOSFET (Q1), diode (D1), and assorted
capacitors and resistors, it provides an adjustable DC
output contrast voltage necessary to drive LCD screens.
The voltage is adjusted by controlling the voltage applied
to R5 at the contrast adjustment point.
The contrast voltage can be made either positive or
negative simply by changing the connection of the
external components. The schematic shown in Figure 1 is
connected for a negative voltage. Please refer to
Application Note 32 for the circuit connection for a
positive output voltage.
OSCILLATOR
The frequency of the oscillator in the ML4876 is set by
selecting the value of CT.
Figure 4 shows the oscillator frequency versus the value
of CT. This nomograph may be used to select the
appropriate value of CT to achieve the desired oscillator
frequency.
LINEAR REGULATOR
A linear voltage regulator is provided to power the low
voltage and low current control circuitry on the ML4876.
This is typically used when there is no separate 5V supply
available at the inverter board. For operation up to 18V
the linear regulator is used by connecting HVDD to the
input battery voltage. For operation over 18V, a MOSFET
and a resistor (Q2 and R1, Figure 1) are connected as
shown. The MOSFET is required to stand off the high
voltage.
LAMP OUT DETECT
In those cases when there is no lamp connected, or the
connection is faulty, the output voltage of the lamp driver
circuit will tend to rise to a high level in an attempt to
start the nonexistent lamp. The lamp out detect circuit on
the ML4876 will detect this condition by sensing the
center tap voltage on the primary of the output
transformer (T1) on the L RTD pin. When this voltage
exceeds 16V, an internal latch is set and the lamp driver
goes into a shutdown mode. The logic control pin L ON
must be cycled low, then high to reset the latch and
return the lamp driver to the normal state.
LOGIC CONTROL
The ML4876 is controlled by a two logic inputs, L ON and
ON/OFF. A logic level high on the L ON pin enables just
the lamp driver. A logic zero on the L ON pin disable the
lamp driver only. A logic level high on the ON/OFF pin
enable the complete circuit. A logic level low on the
ON/OFF pin puts the circuit into a very low power state.
POWER SEQUENCING
It is important to observe correct power and logic input
sequencing when powering up the ML4876. The following
procedure must be observed to avoid damaging the
device.
1. Apply the battery power to HVDD
2. Apply the VDD voltage (if HVDD is not used). With
HVDD connected this voltage is supplied by the
internal regulator on the ML4876.
3. Apply a logic high to the ON/OFF input. This will
enable the internal linear regulator to ensure the VDD
supply is on (when HVDD is used).
4. Apply a logic high to the L ON input.
FUNCTIONAL DESCRIPTION (Continued)
200KHz
100KHz
70KHz
50KHz
40KHz
30KHz
CT
20pF
30pF
40pF 50pF
70pF
100pF
200pF
Figure 4. Frequency vs. CT


Similar Part No. - ML4876

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
   High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
   High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
   High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
   High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
   High Current Boost Regulator with Load Disconnect
More results

Similar Description - ML4876

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4877 MICRO-LINEAR-ML4877 Datasheet
289Kb / 11P
   LCD Desktop Backlight Lamp Driver
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
MAX753 MAXIM-MAX753 Datasheet
103Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
Rev 1; 1/95
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Interpion semiconductor
DIT8545 INTERPION-DIT8545 Datasheet
188Kb / 8P
   Ceratrans Driver for LCD Backlight
logo
Advantech Co., Ltd.
DSD-7055 ADVANTECH-DSD-7055_14 Datasheet
869Kb / 2P
   55" LCD with LED backlight
DSD-7046 ADVANTECH-DSD-7046_14 Datasheet
820Kb / 2P
   46" LCD with LED backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com