Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5930 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S5930
Description  NMOS linear image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5930 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S5930_15 Datasheet HTML 1Page - Hamamatsu Corporation S5930_15 Datasheet HTML 2Page - Hamamatsu Corporation S5930_15 Datasheet HTML 3Page - Hamamatsu Corporation S5930_15 Datasheet HTML 4Page - Hamamatsu Corporation S5930_15 Datasheet HTML 5Page - Hamamatsu Corporation S5930_15 Datasheet HTML 6Page - Hamamatsu Corporation S5930_15 Datasheet HTML 7Page - Hamamatsu Corporation S5930_15 Datasheet HTML 8Page - Hamamatsu Corporation S5930_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NMOS linear image sensors are self-scanning photodiode arrays designed specifically as detectors for multichannel spectroscopy. The scanning
circuit is made up of N-channel MOS transistors, operates at low power consumption and is easy to handle. Each photodiode has a large active
area, high UV sensitivity yet very low noise. The built-in thermoelectric cooler (air cooled) allows a long exposure time achieving a high S/N even
at low light levels. The cap uses a sapphire glass window hermetically welded for high reliability.
Features
l Wide active area
Pixel pitch: 50 µm (S5930 series)
25 µm (S5931 series)
Pixel height: 2.5 mm
l High UV sensitivity with good stability
l Low dark current and high saturation charge allow a long
integration time and a wide dynamic range at room temperature
l Excellent output linearity and sensitivity spatial uniformity
l Start pulse and clock pulses are CMOS logic compatible
l Built-in air-cooled thermoelectric cooler
(setting temperature: 0 ˚C)
Applications
l Multichannel spectrophotometry
l Image readout system
IMAGE
SENSOR
NMOS linear image sensor
Built-in thermoelectric cooler ensures long exposure time and stable operation.
S5930/S5931 series
s Selection guide
Type No.
Number of pixels
Pixel size
[µm (H) × µm (V)]
Active area size
[mm (H) × mm (V)]
S5930-256S
256
12.8 × 2.5
S5930-512S
512
50 × 2500
25.6 × 2.5
S5931-512S
512
12.8 × 2.5
S5931-1024S
1024
25 × 2500
25.6 × 2.5
In addition to S5930/S5931 series, Hamamatsu provides S8382/S8383 series thermoelectrically cooled NMOS linear image
sensors that offer higher sensitivity in the near IR range. Major characteristics of S8382/S8383 series are almost identical with
S5930/S5931 series except that the peak sensitivity wavelength is 750 nm (see “s Spectral response”) and the saturation
charge is 90 m
lx .s.
1


Similar Part No. - S5930_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5930-256S HAMAMATSU-S5930-256S Datasheet
243Kb / 6P
   NMOS multichannel detector head
S5930-256S HAMAMATSU-S5930-256S Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
S5930-512S HAMAMATSU-S5930-512S Datasheet
243Kb / 6P
   NMOS multichannel detector head
S5930-512S HAMAMATSU-S5930-512S Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
S5930 HAMAMATSU-S5930_05 Datasheet
216Kb / 6P
   NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
More results

Similar Description - S5930_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
   NMOS Linear image sensor
S3904-1024F HAMAMATSU-S3904-1024F Datasheet
190Kb / 4P
   NMOS Linear image sensor
S3902 HAMAMATSU-S3902_15 Datasheet
161Kb / 6P
   NMOS linear image sensor
S3901-F HAMAMATSU-S3901-F_15 Datasheet
143Kb / 4P
   NMOS linear image sensor
S3921 HAMAMATSU-S3921_15 Datasheet
213Kb / 7P
   NMOS linear image sensor
S3901-FX HAMAMATSU-S3901-FX Datasheet
144Kb / 3P
   NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com