Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4880ES Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4880ES
Description  Portable PC/PCMCIA Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4880ES Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4880ES Datasheet HTML 3Page - Micro Linear Corporation ML4880ES Datasheet HTML 4Page - Micro Linear Corporation ML4880ES Datasheet HTML 5Page - Micro Linear Corporation ML4880ES Datasheet HTML 6Page - Micro Linear Corporation ML4880ES Datasheet HTML 7Page - Micro Linear Corporation ML4880ES Datasheet HTML 8Page - Micro Linear Corporation ML4880ES Datasheet HTML 9Page - Micro Linear Corporation ML4880ES Datasheet HTML 10Page - Micro Linear Corporation ML4880ES Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ML4880
7
DESIGN CONSIDERATIONS
A typical design can be implemented by using the
following design procedure. Note that this procedure is
not intended to give final values, but to give a good
starting point, and provide the relationships necessary to
make trade-off decisions. Some experimentation will be
necessary to optimize values and to verify that the design
operates over worst case conditions.
DESIGN SPECIFICATIONS
It is important to start with a clear definition of the design
specifications. Make sure the specifications reflect worst
case conditions. Key specifications include the minimum
and maximum input voltage and the output voltage and
load current for each output.
BUCK REGULATORS - INDUCTOR AND SENSE
RESISTOR SELECTION
Figure 6 shows the inductor current of the step down
regulators. The inductor current is made up of two
components: the DC current level set by the
transconductance amplifier, ISENSE, and the inductor ripple
current,
∆IL. The figure also shows that IOUT is the
summation of ISENSE and
1/2
∆IL:
II
I
V
R
TV
V
L
OUT
SENSE
L
SENSE
SENSE
ON
IN
OUT
=+
=
+
×−
×
1
22
()
(3)
Therefore, the selection of the inductance value
determines how much of the output current is made up of
the ripple current. Higher inductor ripple current allows
smaller inductor values, but results in higher peak
currents, lower efficiency, and higher output voltage
ripple.
Inductor ripple currents in the range of 30% to 70% of the
maximum output current are typical. As a good starting
point set the inductor ripple current to 50% of the
maximum output current:
∆I
TV
V
L
FI
L
ON
IN
OUT
IRC
OUT MAX
=
×−
()
()
(4)
where FIRC = ratio of inductor ripple current to the
maximum output current, or:
L
TV
V
I
ON
IN
OUT
OUT MAX
=
×−
×
()
.
()
05
(5)
Calculate the inductance using the volt-seconds value
given in Figure 5 at the maximum input voltage. Choose
the nearest standard value, realizing the trade-offs
mentioned before. Then, using the inductance value
chosen, determine the actual inductor ripple current at the
maximum and minimum input voltage using Equation 4
and Figure 5.
The sense resistor value can be determined using the
inductor ripple current value calculated above and
Equation 3 rearranged as follows:
R
V
II
II
SENSE
SENSE MIN
OUT MAX
L MIN
OUT MAX
L MIN
=
=
()
()
(
)
()
(
)
.
1
2
014
1
2
∆∆
(6)
18
16
14
12
10
8
6
4
2
VIN (V)
0
5
10
15
20
5V BUCK
3.3V BUCK
12V FLYBACK
Figure 4. TON vs. VIN
45
40
35
30
25
20
15
10
5
05
10
VIN (V)
15
20
12V FLYBACK
3.3V BUCK
5V BUCK
Figure 5. Volt-seconds vs VIN


Similar Part No. - ML4880ES

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800 FAIRCHILD-ML4800 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800CP FAIRCHILD-ML4800CP Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Internally synchronized leading-edge PFC and trailing-edge PWM in one IC
More results

Similar Description - ML4880ES

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5531V002 RICOH-R5531V002 Datasheet
160Kb / 9P
   PCMCIA Power Controller
R5534V RICOH-R5534V Datasheet
254Kb / 7P
   PCMCIA Power Controller
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
   LOW POWER ETHERNET PCMCIA CONTROLLER
logo
Texas Instruments
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
List of Unclassifed Man...
VT83C469 ETC-VT83C469 Datasheet
156Kb / 36P
   PCMCIA Socket Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com