Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4900CS Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4900CS
Description  High Current Synchronous Buck Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4900CS Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4900CS Datasheet HTML 1Page - Micro Linear Corporation ML4900CS Datasheet HTML 2Page - Micro Linear Corporation ML4900CS Datasheet HTML 3Page - Micro Linear Corporation ML4900CS Datasheet HTML 4Page - Micro Linear Corporation ML4900CS Datasheet HTML 5Page - Micro Linear Corporation ML4900CS Datasheet HTML 6Page - Micro Linear Corporation ML4900CS Datasheet HTML 7Page - Micro Linear Corporation ML4900CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ML4900
2
PIN CONFIGURATION
PIN DESCRIPTION (Pin Number in Parentheses is for TSSOP Version)
PIN
NAME
FUNCTION
1 (1)
D0
LSB input to the DAC which sets
the output voltage
2 (2)
D1
Input to the DAC which sets the
output voltage
3 (3)
D2
Input to the DAC which sets the
output voltage
4 (4)
D3
MSB input to the DAC which sets
the output voltage
5 (6)
SHDN
Grounding this pin shuts down the
regulator
6 (8)
PWR GOOD
This open collector output goes
low whenever SHDN goes low or
when the output is not within
+10% of its nominal value
7 (9)
VREF
Bypass connection for the internal
3.5V reference
PIN
NAME
FUNCTION
8 (10)
GND
Analog signal ground
9 (11)
VFB
Output voltage feedback pin
10 (12) ISENSE
Current sense input
11 (13) COMP
Connection for the compensation
and optional soft-start delay
network
12 (15) PWR GND
Power ground
13 (16) N DRV L
Synchronous rectifier driver output
14 (17) N DRV H
Buck switch driver output
15 (19) VDD
12V power supply input
16 (20) PROTECT
Connection for the integrating
current limit network and the
UVLO monitor for the 5V supply
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D0
D1
D2
D3
SHDN
PWR GOOD
VREF
GND
PROTECT
VDD
N DRV H
N DRV L
PWR GND
COMP
ISENSE
VFB
TOP VIEW
ML4900
16-Pin Narrow SOIC (S16N)
D0
D1
D2
D3
NC
SHDN
NC
PWR GOOD
VREF
GND
PROTECT
VDD
NC
N DRV H
N DRV L
PWR GND
NC
COMP
ISENSE
VFB
TOP VIEW
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ML4900
20-Pin TSSOP (T20)


Similar Part No. - ML4900CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4901CS MICRO-LINEAR-ML4901CS Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4901CT MICRO-LINEAR-ML4901CT Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4902CT MICRO-LINEAR-ML4902CT Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
More results

Similar Description - ML4900CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035 Datasheet
899Kb / 44P
   High-Speed Synchronous Buck Controller
2012
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
   High-Speed Synchronous Buck Controller
11/29/12
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
   High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com