Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4903CT Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4903CT
Description  High Current Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4903CT Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4903CT Datasheet HTML 4Page - Micro Linear Corporation ML4903CT Datasheet HTML 5Page - Micro Linear Corporation ML4903CT Datasheet HTML 6Page - Micro Linear Corporation ML4903CT Datasheet HTML 7Page - Micro Linear Corporation ML4903CT Datasheet HTML 8Page - Micro Linear Corporation ML4903CT Datasheet HTML 9Page - Micro Linear Corporation ML4903CT Datasheet HTML 10Page - Micro Linear Corporation ML4903CT Datasheet HTML 11Page - Micro Linear Corporation ML4903CT Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ML4903
10
DRV and P DRV switch the capacitive loads of the output
MOSFET gates. At the same time, GND must not see the
resulting switching spikes.
If a current sensing resistor is used, the voltage across the
resistor must be Kelvin-sensed. This ensures that the
ML4903 monitors only the voltage across the resistor, and
ignores the voltage drops and inductive transients in the
PCB traces which carry current into and out of this
resistor. The two pins of the ML4903 which must be
Kelvin-connected to the sense resistor are ISENSE and
GND. PWR GND should then return to the to the
grounded end of RSENSE as well, using a high current
Kelvin connection. This causes any noise across the
resistor to appear primarily as a common-mode signal on
ISENSE, GND, and PWR GND. Figure 4 shows a
recommended implementation of these PCB layout
requirements.
When directly monitoring the voltage across the channel
of the synchronous rectifier, the voltage across that
MOSFET should be sensed as closely as possible to its
drain. If a resistor divider is used to reduce the voltage at
the ISENSE pin for a given current through (Q3||Q4)’s
channel resistance, then the lower end of the divider
should be returned to the immediate vicinity of its source.
This ensures that the ML4903 monitors only the voltage
across the synchronous rectifier, and not the voltage drops
or inductive transients in the PCB traces which carry
current into and out of it. If a PC board with a dedicated
ground plane is used (recommended), the best return
points for GND and PGND are directly into the ground
plane. If the board does not have a dedicated ground
plane, GND must be returned to a point near the IC which
is relatively free from switching transients. Such a point
may need to be empirically determined but will usually
be near the ground connection of the output capacitor
bank.
MISCELLANEOUS POINTS
ISENSE is the input to a medium-speed, high-sensitivity
comparator (roughly comparable to an LM339-type
comparator in terms of speed of response). Because of the
leading-edge blanking on this comparator, it has a
substantial ability to reject switching noise. Still, proper
circuit function requires that the comparator not see
significant noise at the time during which the synchronous
rectifier MOSFET is on.
The compensation components R3 and C13 are high-
impedance nodes connected to the output of the voltage
loop error amplifier. These components should be kept in
close proximity to the ML4903. C13 should be returned to
GND, not to PWR GND or the ground plane of the PC
board.
Keep the VREF bypass capacitor C14 close to the ML4903.
Ensure that its ground connection is to GND, not to PWR
GND.
The 12V VDD input is both the converter's bulk power
input, and the supply from which the internal circuitry of
the ML4903 operates. VDD also provides the gate drive
for P DRV and N DRV. The VDD pin of the ML4903 should
be decoupled from the raw 12V system power to prevent
noise on the 12V supply from affecting the circuit's
switching action. A 10
W resistor between 12VIN and VDD
DESIGN CONSIDERATIONS (Continued)
SENSE
RESISTOR
TO
ISENSE
TO
GND
TO
PWR GND
POWER GROUND RETURN
(GROUND PLANE)
TO
SYNCHRONOUS
RECTIFIER
MOSFET
SOURCE
Figure 4. Kelvin Sense Connections


Similar Part No. - ML4903CT

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4900CS MICRO-LINEAR-ML4900CS Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4900CT MICRO-LINEAR-ML4900CT Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4901CS MICRO-LINEAR-ML4901CS Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
More results

Similar Description - ML4903CT

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035 Datasheet
899Kb / 44P
   High-Speed Synchronous Buck Controller
2012
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
   High-Speed Synchronous Buck Controller
11/29/12
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
   High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com