Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6401CS-1 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML6401CS-1
Description  8-Bit 20 MSPS A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6401CS-1 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML6401CS-1 Datasheet HTML 2Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 3Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 4Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 5Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 6Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 7Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 8Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 9Page - Micro Linear Corporation ML6401CS-1 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
11
ML6401
PHYSICAL DIMENSIONS inches (millimeters)
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.600 - 0.614
(15.24 - 15.60)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
24
0.009 - 0.013
(0.22 - 0.33)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S24
24-Pin SOIC
SEATING PLANE
0.148 - 0.158
(3.76 - 4.01)
PIN 1 ID
0.228 - 0.244
(5.79 - 6.20)
0.386 - 0.396
(9.80 - 10.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
16
0.006 - 0.010
(0.15 - 0.26)
0º - 8º
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
Package: S16N
16-Pin Narrow SOIC


Similar Part No. - ML6401CS-1

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
   Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
   AIGaAs LASER DIODES?
ML64116R MITSUBISHI-ML64116R Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6411A MITSUBISHI-ML6411A Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML6411C MITSUBISHI-ML6411C Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML6401CS-1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40C938V FUJITSU-MB40C938V Datasheet
127Kb / 13P
   20 MSPS 3ch 8-bit D/A Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
List of Unclassifed Man...
SPT175 ETC1-SPT175 Datasheet
76Kb / 8P
   8-BIT, 20 MSPS CMOS A/D CONVERTER
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
SPT1175 CADEKA-SPT1175 Datasheet
373Kb / 8P
   8-BIT, 20 MSPS CMOS A/D CONVERTER
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com