Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37221EFSP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37221EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37221EFSP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37221EFSP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37221EFSP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P06/INT2/A-D4
XOUT
HSYNC
VSYNC
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
P05/PWM5
P07/INT1
P23/TIM3
P24/TIM2
P25
P26
P27
D-A
P32
CNVSS
XIN
VSS
P52/R
P53/G
P54/B
P55/OUT1
P20/SCLK
P21/SOUT
P22/SIN
P10/OUT2
P11/SCL1
P12/SCL2
P13/SDA1
P14/SDA2
P15/A-D1/INT3
P16/A-D2
P30/A-D5/DA1
P31/A-D6/DA2
RESET
OSC1/P33
OSC2/P34
VCC
P17/A-D3
PIN CONFIGURATION (TOP VIEW)
CRT display function
Number of display characters ................ 24 characters ! 2 lines
(16 lines maximum)
Kinds of characters ..................................................... 256 kinds
Dot structure .......................................................... 12 ! 16 dots
Kinds of character sizes .................................................. 3 kinds
Kinds of character colors (It can be specified by the character)
maximum 7 kinds (R, G, B)
Kinds of character background colors (It can be specified by the character)
maximum 7 kinds (R, G, B)
Kinds of raster colors (maximum 7 kinds)
Display position
Horizontal .................................................................. 64 levels
Vertical .................................................................... 128 levels
Bordering (horizontal and vertical)
APPLICATION
TV
Outline 42P4B
DESCRIPTION
The M37221EF-XXXSP and M37221EFSP are single-chip microcom-
puters designed with CMOS silicon gate technology. They are housed
in a 42-pin shrink plastic molded DIP.
In addition to their simple instruction sets, the ROM, RAM and I/O
addresses are placed on the same memory map to enable easy pro-
gramming.
The M37221EF-XXXSP and M37221EFSP have a PWM output func-
tion and a OSD display function, so it is useful for a channel selection
system for TV.
FEATURES
Number of basic instructions .....................................................71
Memory size
ROM ........................................................ 62 K bytes
RAM ....................................................... 1216 bytes
ROM for display ......................................... 8 K bytes
RAM for display .......................................... 96 bytes
The minimum instruction execution time
......................................... 0.5
µs (at 8 MHz oscillation frequency)
Power source voltage .................................................. 5 V ± 10 %
Power dissipation............................................................. 165 mW
(at 8 MHz oscillation frequency, VCC=5.5V, at CRT display)
Subroutine nesting ....................................... 96 levels (maximum)
Interrupts....................................................... 14 types, 14 vectors
8-bit timers .................................................................................. 4
Programmable I/O ports (Ports P0, P1, P2, P30–P32) .............. 27
Input ports (Ports P33, P34) ......................................................... 2
Output ports (Ports P52–P55) ...................................................... 4
12 V withstand ports .................................................................... 6
LED drive ports ........................................................................... 4
Serial I/O ............................................................ 8-bit ! 1 channel
Multi-master I2C-BUS interface ............................... 1 (2 systems)
A-D comparator (6-bit resolution) ................................ 6 channels
D-A converter (6-bit resolution) ................................................... 2
PWM output circuit......................................... 14-bit ! 1, 8-bit ! 6
ROM correction function ........................................... 32 bytes ! 2
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
M37221EF-XXXSP,M37221EFSP
MITSUBISHI MICROCOMPUTERS


Similar Part No. - M37221EFSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37221EAFP RENESAS-M37221EAFP Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221EASP RENESAS-M37221EASP Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37221EFSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com