Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6415 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6415
Description  ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6415 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6415 Datasheet HTML 1Page - Micro Linear Corporation ML6415 Datasheet HTML 2Page - Micro Linear Corporation ML6415 Datasheet HTML 3Page - Micro Linear Corporation ML6415 Datasheet HTML 4Page - Micro Linear Corporation ML6415 Datasheet HTML 5Page - Micro Linear Corporation ML6415 Datasheet HTML 6Page - Micro Linear Corporation ML6415 Datasheet HTML 7Page - Micro Linear Corporation ML6415 Datasheet HTML 8Page - Micro Linear Corporation ML6415 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
June, 2000
Datasheet
5
ML6415
INTRODUCTION
This product is a dual monolithic continuous time video
filter designed for reconstructing the luminance and chro-
minance signals from an S-Video D/A source. Composite
video output is generated by summing the Y and C out-
puts. The chip is intended for use in applications with AC
coupled input and AC coupled outputs. (See Figure 1)
The reconstruction filters approximate a 4th-order But-
terworth characteristic with an optimization toward low
overshoot and flat group delay. Y, C, and CV outputs are
capable of driving 2VP-P into AC coupled 150
Ω video
loads, with up to 35pF of load capacitance at the output
pin.
All channels are clamped during sync to establish the
appropriate output voltage swing range. Thus the input
coupling capacitors do not behave according to the con-
ventional RC time constant. Clamping for all channels
settles to less than 10mv within 5ms of a change in video
input sources.
In most applications the input coupling capacitors are
0.1µF. The Y and C input typically sinks 1µA during active
video, which nominally tilts a horizontal line by about
2mV at the Y output. During sync, the clamp typically
sources 20µA to restore the DC level. The net result is that
the average input current is zero.
Any change in the input coupling capacitor’s value will
inversely alter the amount of tilt per line. Such a change
will also linearly affect the clamp response times.
This product is robust and stable under all stated load
and input conditions. Capacitive bypassing VCC directly to
ground ensures this performance.
LUMINANCE (Y) I/O
The luma input is driven by either a low impedance source
of 1Vp-p or the output of a 75
Ω terminated line. The
input is required to be AC coupled via a 0.1µF coupling
capacitor which allows for a settling time of 5ms. The
luma output is capable of driving an AC coupled 150
load at 2VP-P, or 1VP-P into a 75
Ω load. Up to 35pF of
load capacitance (at the output pin) can be driven without
stability or slew issues. The output is AC coupled with a
400µF or larger AC coupling capacitor.
FUNCTIONAL DESCRIPTION
CHROMINANCE (C) I/O
The chroma input is driven by a low impedance
source of 0.7Vp-p or the output of a 75
Ω terminated
line. The input is required to be AC coupled via a
0.1µF coupling capacitor which allows for a clamp
setting time of 5ms. The chroma output is capable
of driving an AC coupled 150
Ω load at 2VP-P,
or 1VP-P into a 75
Ω load. Up to 35pF of load
capacitance can be driven without stability or slew issues.
A 0.1µF AC coupling capacitor is recommended at the
output. (This reduces the circuit cost as chroma does not
contain low frequency components.)
COMPOSITE VIDEO (CV) OUTPUT
The composite video output is capable of driving 2 loads
to 2VP-P. It is intended to drive a TV and a VCR. Either
the TV input or the VCR input can be shorted to ground
and the other output will still meet specifications. Up to
35pF of load capacitance (at the output pin) can be driven
without stability or slew issues.
RF MODULATOR OUTPUT
The RF modulator output is capable of driving a 600
Ω load
to 2VP-P, but is primarily intended to drive a modulator
load.


Similar Part No. - ML6415

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6415 FAIRCHILD-ML6415 Datasheet
77Kb / 7P
   S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6415CS FAIRCHILD-ML6415CS Datasheet
77Kb / 7P
   S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
More results

Similar Description - ML6415

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6416 FAIRCHILD-ML6416 Datasheet
318Kb / 7P
   S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6415 FAIRCHILD-ML6415 Datasheet
77Kb / 7P
   S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6406 FAIRCHILD-FMS6406 Datasheet
26Kb / 1P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6406 FAIRCHILD-FMS6406_06 Datasheet
650Kb / 12P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
logo
ON Semiconductor
FMS6406 ONSEMI-FMS6406 Datasheet
706Kb / 14P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
Rev. 4.0.4
logo
Fairchild Semiconductor
FMS6404 FAIRCHILD-FMS6404 Datasheet
667Kb / 9P
   Precision Composite Video Output with Sound Trap and Group Delay Compensation
logo
ON Semiconductor
FMS6404 ONSEMI-FMS6404 Datasheet
789Kb / 11P
   Precision Composite Video Output with Sound Trap and Group Delay Compensation
Rev. 1.0.0
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
   S-Video Filter and 75 ??Line Drivers with Summed Composite Output
logo
Micro Linear Corporatio...
ML6428 MICRO-LINEAR-ML6428 Datasheet
240Kb / 11P
   S-Video Filter and 75廓 Line Drivers with Summed Composite Output
logo
Siemens Semiconductor G...
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com