Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300980025 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300980025
Description  MAX-LOC Strain Relief Cord-Sealing Grip, 1/4 NPT, Straight Male, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300980025 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300980025 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300980025
Status:
Active
Overview:
Strain-Relief Cord Grips
Description:
MAX-LOC® Strain Relief Cord-Sealing Grip, 1/4" NPT, Straight Male, Cable Diameter
3.43-5.08mm (.135-.200")
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR32159
UL
E76954
General
Product Family
Cable Grips
Series
130098
Eye Type
N/A
NEMA Rating
NEMA 3R
O-Ring
No
Overview
Strain-Relief Cord Grips
Product Literature Order No
987650-8064
Product Name
MAX-LOC®
Type
Strain Relief Grip
UPC
78678854000
Use With
1/4" NPT MAX-LOC® Lock Nut 130099-0141 , 1/4" NPT
MAX-LOC® Gasket Sealing Ring 130099-0147
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
Straight
Cable Diameter
3.43-5.08mm (.135-.200")
Color - Grommet
Gray
Gender
Male
Material - Body
Nylon
Material - Grip
N/A
Mesh Length
N/A
Number of Holes
1
Thread Size
1/4" NPT
Material Info
Old Part Number
5400
Reference - Drawing Numbers
Sales Drawing
SD-130098-003
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130098 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300980025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300980024 MOLEX11-1300980024 Datasheet
44Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/4 NPT, Straight Male, Cable Diameter
1300980026 MOLEX11-1300980026 Datasheet
44Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/4 NPT, Straight Male, Cable Diameter
1300980027 MOLEX11-1300980027 Datasheet
44Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/8 NPT, Straight Male, Cable Diameter
1300980028 MOLEX11-1300980028 Datasheet
39Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/8 NPT, 90 Angle Male, Cable Diameter
1300980028 MOLEX-1300980028 Datasheet
39Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/8 NPT, 90째 Angle Male, Cable Diameter 3.18-4.75mm (.125-.187)
07/30/2021
More results

Similar Description - 1300980025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300980026 MOLEX11-1300980026 Datasheet
44Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/4 NPT, Straight Male, Cable Diameter
1300990127 MOLEX11-1300990127 Datasheet
35Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
130099-0014 MOLEX11-130099-0014 Datasheet
32Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
1300980163 MOLEX11-1300980163 Datasheet
43Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
1300980171 MOLEX11-1300980171 Datasheet
44Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
1300980251 MOLEX11-1300980251 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
130099-0119 MOLEX11-130099-0119 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
130099-0127 MOLEX11-130099-0127 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
130099-0135 MOLEX11-130099-0135 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1 NPT, Straight Male, Cable Diameter
1300980024 MOLEX11-1300980024 Datasheet
44Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/4 NPT, Straight Male, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com