Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX318C9SR-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX318C9SR-8
Description  DDR3-1866 CL9 240-Pin DIMM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX318C9SR-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX318C9SR-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX318C9SR-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
Document No. 4807123-001.B00
04/22/15
Page 1
SPECIFICATIONS
*Power will vary depending on the SDRAM used.
HX318C9SR/8
8GB (8GB 1G x 64-Bit)
DDR3-1866 CL9 240-Pin DIMM
Continued >>
kingston.com/hyperx
FEATURES
HyperX HX318C9SR/8 is a 1G x 64-bit (8GB) DDR3-1866 CL9
SDRAM (Synchronous DRAM) 2Rx8, memory module, based
on sixteen 512M x 8-bit FBGA components per module. Each
module supports Intel® XMP (Extreme Memory Profiles).
Each module has been tested to run at DDR3-1866 at a low
latency timing of 9-10-11 at 1.5V. The SPDs are programmed
to JEDEC standard latency DDR3-1600 timing of
11-11-11 at 1.5V. Each 240-pin DIMM uses gold contact
fingers. The JEDEC standard electrical and mechanical
specifications are as follows:
• JEDEC standard 1.5V (1.425V ~ 1.575V) Power Supply
• VDDQ = 1.5V (1.425V ~ 1.575V)
• 800MHz fCK for 1600Mb/sec/pin
• 8 independent internal banks
• Programmable CAS latency: 11, 10, 9, 8, 7, 6
• Programmable Additive Latency: 0, CL - 2, or CL - 1 clock
• 8-bit pre-fetch
• Burst Length: 8 (interleave without any limit, sequential with
starting address “000” only), 4 with tCCD = 4 which does not
allow seamless read or write (either on the fly using A12 or
MRS)
• Bi-directional Differential Data Strobe
• Internal (self) calibration: Internal self calibration through ZQ
pin (RZQ: 240 ohm ± 1%)
• On Die Termination using ODT pin
• Average Refresh Period 7.8us at lower than TCASE 85°C,
3.9us at 85°C < TCASE < 95°Cº
• Asynchronous Reset
• Height 1.311” (33.30mm), w/heatsink, double sided component
CL(IDD)
Row Cycle Time (tRCmin)
Refresh to Active/Refresh
Command Time (tRFCmin)
Row Active Time (tRASmin)
Maximum Operating Power
UL Rating
Operating Temperature
Storage Temperature
11 cycles
48.125ns(min.)
260ns(min.)
35ns(min.)
TBD W*
94 V - 0
0
o C to +85o C
-55
o C to +100o C
XMP TIMING PARAMETERS
JEDEC: DDR3-1600 CL11-11-11 @1.5V
XMP Profile #1: DDR3-1866 CL9-10-11 @1.5V
XMP Profile #2: DDR3-1600 CL9-9-9 @1.5V


Similar Part No. - HX318C9SR-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX318C9SR-4 ETC2-HX318C9SR-4 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM
More results

Similar Description - HX318C9SR-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX318C9SR-4 ETC2-HX318C9SR-4 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM
HX318C9T3K4-16 ETC2-HX318C9T3K4-16 Datasheet
884Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK2-8 ETC2-HX318C9SRK2-8 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T3K2-8 ETC2-HX318C9T3K2-8 Datasheet
884Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T2K2-8 ETC2-HX318C9T2K2-8 Datasheet
444Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK2-16 ETC2-HX318C9SRK2-16 Datasheet
591Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK4-32 ETC2-HX318C9SRK4-32 Datasheet
591Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T2K4-16 ETC2-HX318C9T2K4-16 Datasheet
443Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX316C9SR-8 ETC2-HX316C9SR-8 Datasheet
591Kb / 2P
   DDR3-1600 CL9 240-Pin DIMM
HX316C9SR-4 ETC2-HX316C9SR-4 Datasheet
596Kb / 2P
   DDR3-1600 CL9 240-Pin DIMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com