Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX318C9T3K4-16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX318C9T3K4-16
Description  DDR3-1866 CL9 240-Pin DIMM Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX318C9T3K4-16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX318C9T3K4-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX318C9T3K4-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HX318C9T3K4/16
16GB (4GB 512M x 64-Bit x 4 pcs.)
DDR3-1866 CL9 240-Pin DIMM Kit
DESCRIPTION
HyperX HX318C9T3K4/16 is a kit of four 512M x 64-bit (4GB)
DDR3-1866 CL9 SDRAM (Synchronous DRAM), 1Rx8
memory modules, based on eight 512M x 8-bit FBGA
components per module. Each module kit supports Intel®
XMP (Extreme Memory Profiles). Total kit capacity is 16GB.
Each module kit has been tested to run at DDR3-1866 at a
low latency timing of 9-10-11 at 1.5V. The SPDs are
programmed to JEDEC standard latency DDR3-1600 timing of
11-11-11 at 1.5V. Each 240-pin DIMM uses gold contact
fingers. The JEDEC standard electrical and mechanical
specifications are as follows:
Document No. 4807095-001.A00
07/23/14
Page 1
SPECIFICATIONS
11 cycles
)
D
D
I
(
L
C
Row Cycle Time (tRCmin)
48.125ns (min.)
Refresh to Active/Refresh
260ns (min.)
Command Time (tRFCmin)
Row Active Time (tRASmin)
35ns (min.)
Maximum Operating Power
TBD W* (per module)
0
-
V
4
9
g
n
i
t
a
R
L
U
Operating Temperature
0o C to 85o C
Storage Temperature
-55o C to +100o C
*Power will vary depending on the SDRAM used.
FEATURES
JEDEC standard 1.5V (1.425V ~ 1.575V) Power Supply
VDDQ = 1.5V (1.425V ~ 1.575V)
800MHz fCK for 1600Mb/sec/pin
8 independent internal bank
Programmable CAS Latency: 11, 10, 9, 8, 7, 6
Programmable Additive Latency: 0, CL - 2, or CL - 1 clock
8-bit pre-fetch
Burst Length: 8 (Interleave without any limit, sequential with
starting address “000” only), 4 with tCCD = 4 which does not
allow seamless read or write [either on the fly using A12 or
MRS]
Bi-directional Differential Data Strobe
Internal(self) calibration : Internal self calibration through ZQ
pin (RZQ : 240 ohm ± 1%)
On Die Termination using ODT pin
Average Refresh Period 7.8us at lower than TCASE 85°C,
3.9us at 85°C < TCASE < 95°C
Asynchronous Reset
Height 1.827” (46.41mm) w/ heatsink, single sided
component
Continued >>
XMP TIMING PARAMETERS
JEDEC: DDR3-1600 CL11-11-11 @1.5V
XMP Profile #1: DDR3-1866 CL9-10-11 @1.5V
XMP Profile #2: DDR3-1600 CL9-9-9 @1.5V
kingston.com/hyperx


Similar Part No. - HX318C9T3K4-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX318C9T3K2-8 ETC2-HX318C9T3K2-8 Datasheet
884Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
More results

Similar Description - HX318C9T3K4-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX318C9SRK2-8 ETC2-HX318C9SRK2-8 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T3K2-8 ETC2-HX318C9T3K2-8 Datasheet
884Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T2K2-8 ETC2-HX318C9T2K2-8 Datasheet
444Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK2-16 ETC2-HX318C9SRK2-16 Datasheet
591Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SRK4-32 ETC2-HX318C9SRK4-32 Datasheet
591Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9T2K4-16 ETC2-HX318C9T2K4-16 Datasheet
443Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM Kit
HX318C9SR-8 ETC2-HX318C9SR-8 Datasheet
591Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM
HX318C9SR-4 ETC2-HX318C9SR-4 Datasheet
596Kb / 2P
   DDR3-1866 CL9 240-Pin DIMM
HX316C9SRK2-8 ETC2-HX316C9SRK2-8 Datasheet
596Kb / 2P
   DDR3-1600 CL9 240-Pin DIMM Kit
HX313C9FK2-8 ETC2-HX313C9FK2-8 Datasheet
429Kb / 2P
   DDR3-1333 CL9 240-Pin DIMM Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com