Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ10503EXT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ10503EXT
Description  3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ10503EXT Datasheet(HTML) 4 Page - Texas Instruments

  LMZ10503EXT Datasheet HTML 1Page - Texas Instruments LMZ10503EXT Datasheet HTML 2Page - Texas Instruments LMZ10503EXT Datasheet HTML 3Page - Texas Instruments LMZ10503EXT Datasheet HTML 4Page - Texas Instruments LMZ10503EXT Datasheet HTML 5Page - Texas Instruments LMZ10503EXT Datasheet HTML 6Page - Texas Instruments LMZ10503EXT Datasheet HTML 7Page - Texas Instruments LMZ10503EXT Datasheet HTML 8Page - Texas Instruments LMZ10503EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LMZ10503EXT
SNVS668H – JUNE 2010 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN, VOUT, EN, FB, SS to GND
–0.3
6
V
Power Dissipation
Internally Limited
Junction Temperature
150
°C
Peak Reflow Case Temperature (30 sec)
245
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For soldering specifications, refer to the following document: SNOA549
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM)(1)
±2000
V
(1)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. Test method is per JESD22-AI14S.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN to GND
2.95
5.5
V
Junction Temperature (TJ)
–55
125
°C
6.4 Thermal Information
LMZ10503EXT
THERMAL METRIC(1)
NDW (TO-PMOD)
UNIT
7 PINS
RθJA
Junction-to-ambient thermal resistance(2)
20
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance (no air flow)
1.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
RθJA measured on a 2.25-in × 2.25-in (5.8 cm x 5.8 cm) 4-layer board, with 1-oz. copper, thirty six thermal vias, no air flow, and 1-W
power dissipation. Refer to Evaluation Board Application Note: AN-2074 (SNVA450).
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ10503EXT


Similar Part No. - LMZ10503EXT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10503EXTTZ NSC-LMZ10503EXTTZ Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
LMZ10503EXTTZ NSC-LMZ10503EXTTZ Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10503EXTTZE NSC-LMZ10503EXTTZE Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10503EXTTZX NSC-LMZ10503EXTTZX Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results

Similar Description - LMZ10503EXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com