Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ10505EXT Datasheet(PDF) 1 Page - Texas Instruments

Part # LMZ10505EXT
Description  5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ10505EXT Datasheet(HTML) 1 Page - Texas Instruments

  LMZ10505EXT_15 Datasheet HTML 1Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 2Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 3Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ10505EXT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
VIN
EN
GND
FB
VOUT
LMZ10505EXT
VIN
VOUT
SS
Cin
CO
Rfbt
Rcomp
Ccomp
Rfbb
CSS
1
2
3
4, EP
5
6, 7
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ10505EXT
SNVS669H – JUNE 2010 – REVISED SEPTEMBER 2015
LMZ10505EXT 5-A SIMPLE SWITCHER® Power Module With 5.5-V Maximum Input Voltage
for Demanding and Rugged Applications
1 Features
2 Applications
1
Integrated Shielded Inductor
Point-of-Load Conversions from 3.3-V and 5-V
Rails
Flexible Start-up Sequencing Using External Soft-
Start, Tracking, and Precision Enable
Space-Constrained Applications
Protection Against In-Rush Currents and Faults
Noise-Sensitive Applications (Such as
Such as Input UVLO and Output Short-Circuit
Transceiver, Medical)
Single Exposed Pad and Standard Pinout for Easy
3 Description
Mounting and Manufacturing
The LMZ10505EXT SIMPLE SWITCHER® power
Pin-to-Pin Compatible With
module is a complete, easy-to-use, DC-DC solution
LMZ10503EXT (3-A/15-W Maximum)
capable of driving up to a 5-A load with exceptional
LMZ10504EXT (4-A/20-W Maximum)
power conversion efficiency, output voltage accuracy,
line and load regulation. The LMZ10505EXT is
Fast Transient Response for Powering FPGAs
available in an innovative package that enhances
and ASICs
thermal performance and allows for hand or machine
Electrical Specifications
soldering.
25-W Maximum Total Output Power
The LMZ10505EXT can accept an input voltage rail
Up to 5-A Output Current
between 2.95 V and 5.5 V, and can deliver an
Input Voltage Range 2.95 V to 5.5 V
adjustable and highly accurate output voltage as low
as 0.8 V. 1-MHz fixed-frequency PWM switching
Output Voltage Range 0.8 V to 5 V
provides
a
predictable
EMI
characteristic.
Two
±1.63% Feedback Voltage Accuracy Over
external compensation components can be adjusted
Temperature
to set the fastest response time, while allowing the
Performance Benefits
option to use ceramic or electrolytic output capacitors.
Externally
programmable
soft-start
capacitor
Operates at High Ambient Temperatures
facilitates controlled start-up. The LMZ10505EXT is a
Low Radiated Emissions (EMI) Tested to
reliable
and
robust
solution
with
the
following
EN55022 Class B Standard
features: lossless cycle-by-cycle peak current limit to
Passes 10-V/m Radiated Immunity EMI Tested
protect for overcurrent or short-circuit fault, thermal
shutdown, input undervoltage lockout, and prebiased
to Standard EN61000 4-3
start-up. The LMZ10505EXT is also fully-enabled for
Passes Vibration Standard
WEBENCH® and Power Designer tools.
MIL-STD-883 Method 2007.2 Condition A
Device Information(1)(2)
JESD22-B103B Condition 1
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Passes Drop Standard
LMZ10505EXT
TO-PMOD (7)
9.85 mm × 10.16 mm
MIL-STD-883 Method 2002.3 Condition B
(1) For all available packages, see the orderable addendum at
JESD22-B110 Condition B
the end of the data sheet.
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
See Figure 28 and layout for information on device under
more details.
test.
Typical Application Circuit
Efficiency VOUT = 3.3 V
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ10505EXT_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10505EXTTZ NSC-LMZ10505EXTTZ Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
logo
Texas Instruments
LMZ10505EXTTZ TI1-LMZ10505EXTTZ Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXTTZE TI1-LMZ10505EXTTZE Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXTTZX TI1-LMZ10505EXTTZX Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results

Similar Description - LMZ10505EXT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com