Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML65F16245 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML65F16245
Description  16-Bit Bidirectional Transceiver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65F16245 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML65F16245 Datasheet HTML 2Page - Micro Linear Corporation ML65F16245 Datasheet HTML 3Page - Micro Linear Corporation ML65F16245 Datasheet HTML 4Page - Micro Linear Corporation ML65F16245 Datasheet HTML 5Page - Micro Linear Corporation ML65F16245 Datasheet HTML 6Page - Micro Linear Corporation ML65F16245 Datasheet HTML 7Page - Micro Linear Corporation ML65F16245 Datasheet HTML 8Page - Micro Linear Corporation ML65F16245 Datasheet HTML 9Page - Micro Linear Corporation ML65F16245 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML65F16245
7
ARCHITECTURAL DESCRIPTION
The ML65F16245 is a 16-bit (dual-octal) non-inverting bus
transceiver with 3-state outputs designed for 2.7V to 3.6V
VCC operation. This device is designed for asynchronous
communication between data buses. The ML65F16245
can be used as two 8-bit transceivers or as one 16-bit
transceiver and can be designated as Port-A bus and Port-B
bus. The Direction and Output Enable controls are
designed to operate these configurations. The direction
control pin (iDIR) controls the direction of the data flow.
The output enable pin (1OE, 2OE) overrides the direction
control and disables both ports.
Until now, these transceivers were typically implemented
in CMOS logic and made to be TTL compatible by sizing
the input devices appropriately. In order to buffer large
capacitances with CMOS logic, it is necessary to cascade
an even number of inverters, each successive inverter
larger than the preceding, eventually leading to an
inverter that will drive the required load capacitance at
the required frequency. Each inverter stage represents an
additional delay in the gating process because in order for
a single gate to switch, the input must slew more than
half of the supply voltage. The best of these 16-bit CMOS
buffers has managed to drive 50pF load capacitance with
a delay of 3ns.
Micro Linear has produced a 16-bit transceiver with a
delay less than 2ns (at 3.3V) by using a unique circuit
architecture that does not require cascade logic gates.
The basic architecture of the ML65F16245 is shown in
Figure 6. In this circuit, there are two paths to the output.
One path sources current to the load capacitance where
the signal is asserted, and the other path sinks current
from the output when the signal is negated.
The assertion path is the Darlington pair consisting of
transistors Q1 and Q2. The effect of transistor Q1 is to
increase the current gain through the stage from input to
output, to increase the input resistance and to reduce
input capacitance. During the transition state (the input
from low-to-high) the output transistor Q2 sources large
amount of current to quickly charge up a highly
capacitive load which in effect reduces the bus settling
time. This current is specified as IDYNAMIC.
The negation path is also the Darlington pair consisting of
transistor Q3 and transistor Q4. With M1 connecting to
the input of the Darlington pair, Transistor Q4 then sinks a
large amount of current during the input transition from
high-to-low.
Inverter X2 is a helpful buffer that not only drives the
output toward the upper rail but also pulls the output to
the lower rail.
There are a number of MOSFETs not shown in Figure 6.
These MOSFETs are used to 3-state the buffers.
OUT
OE
VCC
M1
IN
X1
X2
Q3
Q4
Q2
Q1
Figure 6. One Buffer Cell of the ML65F16245


Similar Part No. - ML65F16245

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
ML65F16244CR MICRO-LINEAR-ML65F16244CR Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
ML65F16244CT MICRO-LINEAR-ML65F16244CT Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
More results

Similar Description - ML65F16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245 Datasheet
534Kb / 10P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Potato Semiconductor Co...
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B Datasheet
650Kb / 7P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
logo
Fairchild Semiconductor
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com