Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6622 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6622
Description  High-Speed Data Quantizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6622 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6622 Datasheet HTML 1Page - Micro Linear Corporation ML6622 Datasheet HTML 2Page - Micro Linear Corporation ML6622 Datasheet HTML 3Page - Micro Linear Corporation ML6622 Datasheet HTML 4Page - Micro Linear Corporation ML6622 Datasheet HTML 5Page - Micro Linear Corporation ML6622 Datasheet HTML 6Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ML6622
Micro Linear
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ....................................................... GND –0.3V to 6V
VCCA ..................................................... GND –0.3V to 6V
Inputs/Outputs .......................... GND – 0.3V to VCC + 0.3
Junction Temperature ............................................. 150
°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = VCC = 5V ± 10%, TA = Operating Temperature Range. (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
VCC Supply Current
No load on ECL outputs
35
50
mA
VREF
Reference Voltage
2.30
2.47
2.57
V
IVREF
VREF Output Current
–1
3
+5
mA
VIN
Input Signal Range
3.5
1600
mVP-P
VTH ADJ
External Voltage
0.5
VREF
V
Range
at THIN to set VTH
EN
Input-referred Voltage Noise
100 MHz BW
25
µVRMS
RIN
Input Resistance
VIN+, VIN
500
770
1500
ITHIN
Input Bias Current of THIN
–100
+100
µA
VOL-VCC
ECL Output Voltage-Low
Through 50
Ω to VCC –2V
–1.810
–1.730
–1.620
V
VOH-VCC
ECL Output Voltage-High
Through 50
Ω to VCC –2V C Suffix
–1.025
–0.963
–0.800
V
I Suffix
–1.025
–0.963
–0.780
V
tr
Data Output Rise Time
0.5
1.3
ns
tf
Data Output Fall Time
0.5
1.3
ns
Link Detect
AS_Max
Assert Time (off to on)
CTIME = 2000pF
0
100
µs
ANS_Max Deassert Time (on to off)
CTIME = 2000pF
0
350
µs
VTH
Input threshold
THIN = VREF Assert
8
10
12
mV
Hysteresis
1.5
1.7
2
dB
BW
Bandwidth 1-3dB
200
MHz
VIPW
Minimum Input Pulse Width
5
ns
DCD
Duty Cycle Distortion
Data rate = 155Mb/s
Peak-to-peak
50% duty cycle input
0.5
ns
DDJ
Data Dependent Jitter
FDDI – 56 Data Pattern
Peak-to-peak
VIN = 60mV, Data rate = 125Mb/s
1.2
ns
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case conditions.
Storage Temperature Range ...................... –65
°C to 150°C
Lead Temperature (Soldering 10 sec.) ...................... 260
°C
Thermal Resistance ........................................... 100
°C/W


Similar Part No. - ML6622

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
ML6633CS MICRO-LINEAR-ML6633CS Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
ML6633IS MICRO-LINEAR-ML6633IS Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
ML6651 MICRO-LINEAR-ML6651 Datasheet
198Kb / 10P
   Auto-Negotiating Media Converter
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
   16-Bit Microcontroller
More results

Similar Description - ML6622

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4621 MICRO-LINEAR-ML4621 Datasheet
161Kb / 8P
   Data Quantizer
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
   Fiber Optic Data Quantizer
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807_15 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
   High-speed Data Converter
logo
Keysight Technologies
N5384A KEYSIGHT-N5384A Datasheet
3Mb / 10P
   High-Speed Serial Data Analysis
E2688A KEYSIGHT-E2688A Datasheet
3Mb / 10P
   High-Speed Serial Data Analysis
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com