Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ12003 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMZ12003
Description  LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ12003_15 Datasheet HTML 1Page - Texas Instruments LMZ12003_15 Datasheet HTML 2Page - Texas Instruments LMZ12003_15 Datasheet HTML 3Page - Texas Instruments LMZ12003_15 Datasheet HTML 4Page - Texas Instruments LMZ12003_15 Datasheet HTML 5Page - Texas Instruments LMZ12003_15 Datasheet HTML 6Page - Texas Instruments LMZ12003_15 Datasheet HTML 7Page - Texas Instruments LMZ12003_15 Datasheet HTML 8Page - Texas Instruments LMZ12003_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LMZ12003
www.ti.com
SNVS636O – DECEMBER 2009 – REVISED AUGUST 2015
5 Pin Configuration and Functions
NDW Package
7-Pin
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Enable — Input to the precision enable comparator. Rising threshold is 1.18-V nominal; 90-
EN
3
Analog
mV hysteresis nominal. Maximum recommended input level is 6.5 V.
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package
EP
Ground
during operation. Must be electrically connected to pin 4 external to the package.
Feedback — Internally connected to the regulation, overvoltage, and short circuit
FB
6
Analog
comparators. The regulation reference point is 0.8 V at this input pin. Connected the
feedback resistor divider between the output and ground to set the output voltage.
GND
4
Ground
Ground — Reference point for all stated voltages. Must be externally connected to EP.
ON-Time Resistor — An external resistor from VIN to this pin sets the ON-time of the
RON
2
Analog
application. Typical values range from 25 k
Ω to 124 kΩ.
Soft-Start — An internal 8-µA current source charges an external capacitor to produce the
SS
5
Analog
soft-start function. This node is discharged at 200 µA during disable, overcurrent, thermal
shutdown and internal UVLO conditions.
Supply input — Nominal operating range is 4.5 V to 20 V. A small amount of internal
VIN
1
Power
capacitance is contained within the package assembly. Additional external input capacitance
is required between this pin and exposed pad.
Output Voltage — Output from the internal inductor. Connect the output capacitor between
VOUT
7
Power
this pin and exposed pad.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
25
V
EN, FB, SS to GND
–0.3
7
V
Junction Temperature
150
°C
Peak Reflow Case Temperature (30 sec)
245
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For soldering specifications, refer to the following document: SNOA549
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD-22-114.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ12003


Similar Part No. - LMZ12003_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003_1 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

Similar Description - LMZ12003_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12001 TI-LMZ12001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12001 1-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI-LMZ23605_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com