Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ12008 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMZ12008
Description  LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12008 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMZ12008_15 Datasheet HTML 5Page - Texas Instruments LMZ12008_15 Datasheet HTML 6Page - Texas Instruments LMZ12008_15 Datasheet HTML 7Page - Texas Instruments LMZ12008_15 Datasheet HTML 8Page - Texas Instruments LMZ12008_15 Datasheet HTML 9Page - Texas Instruments LMZ12008_15 Datasheet HTML 10Page - Texas Instruments LMZ12008_15 Datasheet HTML 11Page - Texas Instruments LMZ12008_15 Datasheet HTML 12Page - Texas Instruments LMZ12008_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0
2
4
6
8
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
2
4
6
8
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
2
4
6
8
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
2
4
6
8
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
2
4
6
8
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
2
4
6
8
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
LMZ12008
www.ti.com
SNVS716G – MARCH 2011 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = three × 10 μF + 47-nF X7R Ceramic; COUT = two
× 330-
μF Specialty Polymer + 47-µF Ceramic + 47-nF Ceramic; CFF = 4.7 nF; TA = 25° C for waveforms. All indicated
temperatures are ambient.
Figure 19. Efficiency 2.5-V Output at 85°C
Figure 20. Dissipation 2.5-V Output at 85°C
Figure 21. Efficiency 1.8-V Output at 85°C
Figure 22. Dissipation 1.8-V Output at 85°C
Figure 23. Efficiency 1.5-V Output at 85°C
Figure 24. Dissipation 1.5-V Output at 85°C
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ12008


Similar Part No. - LMZ12008_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
More results

Similar Description - LMZ12008_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12001 TI-LMZ12001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12001 1-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI-LMZ23605_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com