Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6673 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6673
Description  Fast Ethernet/FDDI TP-PMD Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6673 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6673 Datasheet HTML 1Page - Micro Linear Corporation ML6673 Datasheet HTML 2Page - Micro Linear Corporation ML6673 Datasheet HTML 3Page - Micro Linear Corporation ML6673 Datasheet HTML 4Page - Micro Linear Corporation ML6673 Datasheet HTML 5Page - Micro Linear Corporation ML6673 Datasheet HTML 6Page - Micro Linear Corporation ML6673 Datasheet HTML 7Page - Micro Linear Corporation ML6673 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
December 1998
ML6673
Fast Ethernet/FDDI TP-PMD Transceiver
GENERAL DESCRIPTION
The ML6673 is a complete monolithic transceiver for 125
Mbaud MLT-3 encoded data transmission over Category 5
unshielded twisted pair and shielded twisted pair cables.
The ML6673 integrates the baseline restoration function
defined in the TP-PMD standard. The adaptive equalizer in
the ML6673 will accurately compensate for line losses
exceeding the IEEE 802.3u limit of 100m of UTP.
The ML6673 receive section consists of an equalizing filter
with a feedback loop for controlling effective line
compensation. The feedback loop contains a filter and
detection block for determining the proper control signal.
The ML6673 also contains data comparators with
precisely controlled slicing thresholds and an MLT-3 to
NRZI translator.
The ML6673 transmit section accepts ECL 100K
compatible NRZ inputs and converts them to differential
current mode MLT-3 signals. Transmit amplitude is
controlled by a single external resistor.
LINK
STATUS
ADAPTIVE
CONTROL
ADAPTIVE
EQUALIZER
CMREF
RVCCD
RVCCA
RRSET
RRSET2
RRSET1
GND
TGNDD
TGNDA
RXOUT–
RXOUT+
SD–
SD+
TXIN–
TXIN+
TPOUT–
TPOUT+
TPIN+
TPIN–
LPBK
TXOFF
TVCCA
TVCCD
RTSET
RTSET1
RTSET2
MUX
MLT-3
TO NRZI
NRZI
TO MLT-3
BASELINE
WANDER
CORRECTION
FEATURES
s
Compliant with IEEE 802.3u Fast Ethernet (100BASE-TX)
standard
s
Compliant with ANSI X3T12 FDDI over copper
(TP-PMD) standard
s
Integrated baseline wander correction circuit
s
Transmitter converts NRZI ECL signals to MLT-3 current
driven outputs
s
Transmitter can be externally turned off
(high impedence) for true quiet line
s
Receiver includes adaptive equalizer and MLT-3 to
NRZI decoder
s
Operates over 100 meters of STP or category 5 UTP
Twisted Pair Cable set by the IEEE 802.3u standards
s
32-pin PLCC and TQFP
BLOCK DIAGRAM
1


Similar Part No. - ML6673

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
   ATM UTP Transceiver
ML6672CH MICRO-LINEAR-ML6672CH Datasheet
248Kb / 8P
   ATM UTP Transceiver
ML6672CQ MICRO-LINEAR-ML6672CQ Datasheet
248Kb / 8P
   ATM UTP Transceiver
ML6674 MICRO-LINEAR-ML6674 Datasheet
166Kb / 8P
   ATM 155Mbps UTP Transceiver
ML6674CH MICRO-LINEAR-ML6674CH Datasheet
166Kb / 8P
   ATM 155Mbps UTP Transceiver
More results

Similar Description - ML6673

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2023 XFMRS-2023 Datasheet
15Kb / 1P
   100Mips TP-FDDI
2023 XFMRS-2023_15 Datasheet
15Kb / 1P
   100Mips TP-FDDI
logo
Integrated Circuit Syst...
ICS1886 ICST-ICS1886 Datasheet
726Kb / 10P
   FDDI / Fast Ethernet PHYceiverTM
ICS1887 ICST-ICS1887 Datasheet
536Kb / 14P
   FDDI / Fast Ethernet PHYceiverTM
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
   Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
   Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
List of Unclassifed Man...
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com