Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA02454 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # FA02454
Description  Fiber Optic Jumper Cable Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FA02454 Datasheet(HTML) 1 Page - Glenair, Inc.

  FA02454 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2014 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
FA02454
Fiber Optic Jumper Cable Assembly
for Board-Mount Transceivers
with GC Connector
Basic Number
End B Terminus Type
01= GA SKT TERMINUS, M29504/05 STYLE (181-001)
02= GA PIN TERMINUS, M29504/04 STYLE (181-002)
03= GA PIN TERMINUS, GHD (181-047)
04= GA PIN TERMINUS, GHD, PC ONLY (181-056)
05= GA PIN TERMINUS, M29504/14 STYLE (181-039)
06= GA SKT TERMINUS, M29504/15 STYLE (181-040)
07= GA PIN TERMINUS, D38999 SERIES III STYLE, SIZE 20 (181-065)
08= GA SKT TERMINUS, D38999 SERIES III STYLE, SIZE 20 (181-066)
09= GA PIN TERMINUS, GFR (181-012)
10= GA SKT TERMINUS, GFR (181-011)
11= GA PIN TERMINUS, ARINC 801 (181-076-N)
12= GA PIN TERMINUS, GFOCA (181-050) WITHOUT CERAMIC SLEEVE
13= GA PIN TERMINUS, MIGHTY MOUSE SIZE 20HD (181-084)
14= GA SKT TERMINUS, MIGHTY MOUSE SIZE 20HD (181-085)
15= GA PIN TERMINUS, MIGHTY MOUSE SIZE 16 (181-057)
16= GA SKT TERMINUS, MIGHTY MOUSE SIZE 16 (181-075)
17= GA PIN TERMINUS, GFOCA (181-050) WITH CERAMIC SLEEVE P/N: (181-050-S)
18= GA GC CONNECTOR (187-258)
19= GA EYE-BEAM PIN TERMINUS, M29504/4 STYLE (181-070)
20= GA EYE-BEAM SKT TERMINUS, M29504/5 STYLE, (181-071)
21= GA EYE-BEAM TERMINUS, GFOCA (181-067)
22= GA EYE BEAM PIN, GFR (181-082)
23= GA EYE BEAM SKT, GFR (181-081)
Fiber Size (microns)
09 = SM 9.3/125
50 = MM 50/125
62 = MM 62.5/125
(OFS Flight Guide,
buffer component only)
Standard Tolerance
Length
Tolerance
3 to 12 in
+0.25 in -0
12 in – 2 ft
+1 in -0
2 to 10 ft
+3 in -0
10 to 50 ft
+6 in -0
50 to 100 ft
+1 ft -0
100 ft and up
+2 ft -0
Notes
1. Optical performance: insertion loss to be less than 1.5 dB
when measured at 850 nm wavelength for Multimode and
1310 nm wavelength for Singlemode.
2. Entire length of 900 micron buffer covered with heat shrink.
Singlemode = White
Multimode = Black
3. Fiber minimum bend radius = 10mm
4. For End B option 17, ceramic sleeve to be shipped as loose
part.
FA02454 - 01 - XXXX - 50
LENGTH (INCH)
END A
(187-258 GC CONNECTOR)
END B
Length (in)
Order in increments of 0.25"
example: 0425 = 4.25"


Similar Part No. - FA02454

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
   Flameproof Metal Film Resistors
More results

Similar Description - FA02454

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA03286 GLENAIR-FA03286 Datasheet
98Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
   Fiber Optic LC Test Cable Assembly
FO1002P05P05 GLENAIR-FO1002P05P05 Datasheet
312Kb / 2P
   Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
ABC3569 GLENAIR-ABC3569 Datasheet
214Kb / 1P
   Bulk Simplex Fiber Optic Cable
ABC-3569 GLENAIR-ABC-3569 Datasheet
359Kb / 1P
   Bulk Simplex Fiber Optic Cable
ABC-3821 GLENAIR-ABC-3821 Datasheet
359Kb / 1P
   Bulk Simplex Fiber Optic Cable
logo
SICK AG
WLL160 SICK-WLL160 Datasheet
128Kb / 2P
   LLK plastic fiber-optic cable
logo
Glenair, Inc.
ABC-3586 GLENAIR-ABC-3586 Datasheet
358Kb / 1P
   Bulk Simplex Fiber Optic Cable
ABC-3571 GLENAIR-ABC-3571 Datasheet
359Kb / 1P
   Bulk Simplex Fiber Optic Cable
ABC-3580 GLENAIR-ABC-3580 Datasheet
359Kb / 1P
   Bulk Simplex Fiber Optic Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com