Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ14203 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMZ14203
Description  SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ14203_15 Datasheet HTML 6Page - Texas Instruments LMZ14203_15 Datasheet HTML 7Page - Texas Instruments LMZ14203_15 Datasheet HTML 8Page - Texas Instruments LMZ14203_15 Datasheet HTML 9Page - Texas Instruments LMZ14203_15 Datasheet HTML 10Page - Texas Instruments LMZ14203_15 Datasheet HTML 11Page - Texas Instruments LMZ14203_15 Datasheet HTML 12Page - Texas Instruments LMZ14203_15 Datasheet HTML 13Page - Texas Instruments LMZ14203_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0.47 éF
6.8 éH
Co
CIN
Cvcc
FB
EN
SS
Vin
Linear reg
RON
Timer
Css
RON
RFBT
RFBB
CFF
Regulator IC
VO
Internal
Passives
VOUT
GND
VIN 1
2
3
4
5
6
7
LMZ14203
SNVS632R – DECEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LMZ14203 power module is an easy-to-use step-down DC-DC solution that can drive up to 3-A load with
exceptional power conversion efficiency, line and load regulation, and output accuracy.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 COT Control Circuit Overview
Constant ON-Time control is based on a comparator and an ON-time one shot, with the output voltage feedback
compared with an internal 0.8-V reference. If the feedback voltage is below the reference, the main MOSFET is
turned on for a fixed ON-time determined by a programming resistor RON. RON is connected to VIN such that ON-
time is reduced with increasing input supply voltage. Following this ON-time, the main MOSFET remains off for a
minimum of 260 ns. If the voltage on the feedback pin falls below the reference level again the ON-time cycle is
repeated. Regulation is achieved in this manner.
7.3.2 Output Overvoltage Comparator
The voltage at FB is compared to a 0.92-V internal reference. If FB rises above 0.92 V the ON-time is
immediately terminated. This condition is known as overvoltage protection (OVP). It can occur if the input voltage
is increased very suddenly or if the output load is decreased very suddenly. Once OVP is activated, the top
MOSFET ON-times will be inhibited until the condition clears. Additionally, the synchronous MOSFET will remain
on until inductor current falls to zero.
7.3.3 Current Limit
Current limit detection is carried out during the OFF-time by monitoring the current in the synchronous MOSFET.
Referring to the Functional Block Diagram, when the top MOSFET is turned off, the inductor current flows
through the load, the PGND pin and the internal synchronous MOSFET. If this current exceeds 4.2 A (typical) the
current limit comparator disables the start of the next ON-time period. The next switching cycle will occur only if
the FB input is less than 0.8 V and the inductor current has decreased below 4.2 A. Inductor current is monitored
during the period of time the synchronous MOSFET is conducting. So long as inductor current exceeds 4.2 A,
further ON-time intervals for the top MOSFET will not occur. Switching frequency is lower during current limit due
to the longer OFF-time.
NOTE
Current limit is dependent on both duty cycle and temperature.
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203


Similar Part No. - LMZ14203_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_1 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results

Similar Description - LMZ14203_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com