Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6696 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML6696
Description  100BASE-X Fiber Physical Layer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6696 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML6696 Datasheet HTML 3Page - Micro Linear Corporation ML6696 Datasheet HTML 4Page - Micro Linear Corporation ML6696 Datasheet HTML 5Page - Micro Linear Corporation ML6696 Datasheet HTML 6Page - Micro Linear Corporation ML6696 Datasheet HTML 7Page - Micro Linear Corporation ML6696 Datasheet HTML 8Page - Micro Linear Corporation ML6696 Datasheet HTML 9Page - Micro Linear Corporation ML6696 Datasheet HTML 10Page - Micro Linear Corporation ML6696 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ML6696
7
DC ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER (IOUT, IOUT)
ILEDH
IOUT High Output Current
RTSET = 2.32k
W ±1%
67.5
75
82.5
mA
ILEDL
Low Output Current
RTSET = 2.32k
W ±1%
0.1
mA
IRT
RTSET Input Current
RTSET = 2.32k
W ±1%
486
540
594
µA
POWER SUPPLY CURRENT
ICC
Supply Current, 100BASE-FX, Transmitting
Current into All VCC Pins
200
295
mA
ICCPD
Supply Current, Power-Down Mode
Current into All VCC Pins
20
mA
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ±5%, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMITTER
tCLK
CLKREF – TXCLK Delay
5
11
ns
tTXP
Transmit Bit Delay
Note 2
10.5
bit times
tTR/F
IOUT Rise /Fall Time
Note 3
2
ns
tTDC
IOUT Output Duty Cycle Disotrtion
Note 3
–0.5
0.5
ns
RECEIVER
tRXDC
Receive Bit Delay (CRS)
Note 3
15.5
bit times
tRXDR
Receive Bit Delay (RXDV)
Note 4
25.5
bit times
MII INTERFACE
XNTOL
CLKREF Input Clock Frequency Tolerance
25MHz Frequency
–50
50
ppm
tTPWH
TXCLK Pulse Width High
14
ns
tTPWL
TXCLK Pulse Width Low
14
ns
tRPWH
RXCLK Pulse Width High
14
ns
tRPWL
RXCLK Pulse Width Low
14
ns
tTPS
Setup Time, TXD<3:0> Data Valid to
Note 5
5
ns
TXCLK Rising Edge
tTPH
Hold time, TXD<3:0> Data Valid
Note 5
0
ns
After TXCLK Rising Edge
tRCS
Time That RXD<3:0> Data are Valid
Note 6, 7
10
ns
Before RXCLK Rising Edge
tRCH
Time That RXD<3:0> Data are Valid
Note 6, 7
10
ns
After RXCLK Rising Edge
tRPCR
RXCLK 10%-90% Rise Time
6ns
tRPCF
RXCLK 90%-10% Fall Time
6ns


Similar Part No. - ML6696

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
ML6691CQ MICRO-LINEAR-ML6691CQ Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
More results

Similar Description - ML6696

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6695 MICRO-LINEAR-ML6695 Datasheet
216Kb / 8P
   100BASE-X Fiber Physical Layer With 5-bit Interface
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6697 MICRO-LINEAR-ML6697 Datasheet
331Kb / 16P
   100BASE-TX Physical Layer with MII
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051RNL-TR MICREL-KSZ8051RNL-TR Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com