Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6698CH Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6698CH
Description  100BASE-TX Physical Layer with 5-Bit Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6698CH Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6698CH Datasheet HTML 2Page - Micro Linear Corporation ML6698CH Datasheet HTML 3Page - Micro Linear Corporation ML6698CH Datasheet HTML 4Page - Micro Linear Corporation ML6698CH Datasheet HTML 5Page - Micro Linear Corporation ML6698CH Datasheet HTML 6Page - Micro Linear Corporation ML6698CH Datasheet HTML 7Page - Micro Linear Corporation ML6698CH Datasheet HTML 8Page - Micro Linear Corporation ML6698CH Datasheet HTML 9Page - Micro Linear Corporation ML6698CH Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ML6698
6
DC ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Transmitter (Continued)
XERR
TPOUTP/N Differential Output
VOUT = VCC; Note 3
–5.0
+5.0
%
Current Error
XCMP100
TPOUTP/N 100BASE-X Output
VOUT = VCC ± 2.2V; referred to
Current Compliance Error
IOUT at VCC
–2.0
+2.0
%
VOCM10
TPOUTP/N 10BASE-T Output
ITD10 remains within specified
VCC – 2.7
VCC + 2.7
V
Voltage Compliance Range
values
VICM10
10BTTXNN/P Input
VCC/2 – 0.3
VCC/2 + 0.3
V
Common-Mode Voltage Range
Power Supply Current
ICC100
Supply Current, 100BASE-TX
Current into all VCC pins,
195
260
mA
Operation, Transmitting
VCC = 5.25V (Note 2)
ICC10
Supply Current, 10BASE-T Mode
155
175
mA
ICCOFF
Supply Current
PWRDN
20
mA
Power Down Mode
AC ELECTRICAL CHARACTERISTICS
Over full range of operating conditions unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tTR/F
TPOUTP-TPOUTN Differential
Notes 5, 6; for any legal
3.0
5.0
ns
Rise/Fall Time
code sequence
tTM
TPOUTP-TPOUTN Differential
Notes 5, 6; for any legal
–0.5
0.5
ns
Rise/Fall Time Mismatch
code sequence
tTDC
TPOUTP-TPOUTN Differential
Notes 4, 6
–0.5
0.5
ns
Output Duty Cycle Distortion
tTJT
TPOUTP-TPOUTN Differential
Note 6
300
1400
ps
Output Peak-to-Peak Jitter
XOST
TPOUTP-TPOUTN Differential
Notes 6, 7
5
%
Output Voltage Overshoot
tTXP
Transmit Bit Delay
Note 8
10.5
Bit Times
tRXDC
Receive Bit Delay
Note 9
15.5
Bit Times


Similar Part No. - ML6698CH

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
ML6691CQ MICRO-LINEAR-ML6691CQ Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CH MICRO-LINEAR-ML6692CH Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6692CQ MICRO-LINEAR-ML6692CQ Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
More results

Similar Description - ML6698CH

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6694 MICRO-LINEAR-ML6694 Datasheet
177Kb / 12P
   100BASE-TX Physical Layer with 5-Bit Interface
ML6695 MICRO-LINEAR-ML6695 Datasheet
216Kb / 8P
   100BASE-X Fiber Physical Layer With 5-bit Interface
ML6692 MICRO-LINEAR-ML6692 Datasheet
325Kb / 21P
   100BASE-TX Physical Layer with MII
ML6697 MICRO-LINEAR-ML6697 Datasheet
331Kb / 16P
   100BASE-TX Physical Layer with MII
logo
Texas Instruments
TNETE2101 TI-TNETE2101 Datasheet
497Kb / 39P
[Old version datasheet]   10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051RNL-TR MICREL-KSZ8051RNL-TR Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com