Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ22008 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMZ22008
Description  8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22008 Datasheet(HTML) 1 Page - Texas Instruments

  LMZ22008_15 Datasheet HTML 1Page - Texas Instruments LMZ22008_15 Datasheet HTML 2Page - Texas Instruments LMZ22008_15 Datasheet HTML 3Page - Texas Instruments LMZ22008_15 Datasheet HTML 4Page - Texas Instruments LMZ22008_15 Datasheet HTML 5Page - Texas Instruments LMZ22008_15 Datasheet HTML 6Page - Texas Instruments LMZ22008_15 Datasheet HTML 7Page - Texas Instruments LMZ22008_15 Datasheet HTML 8Page - Texas Instruments LMZ22008_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
0
2
4
6
8
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6Vin
8Vin
10Vin
12Vin
16Vin
20Vin
VIN
CIN
3 x 10 2F
RFBT
CFF 4.7 nF (OPT)
See Table
CSS
0.47 2F
(OPT)
RFBB
See Table
COUT
2 x 330 2F
LMZ22008
VOUT
Enable
Share
Clock
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ22008
SNVS712H – FEBRUARY 2010 – REVISED AUGUST 2015
LMZ22008 8-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage and
Current Sharing
1 Features
2 Applications
1
Integrated Shielded Inductor
Point-of-load Conversions from 12-V Input Rail
Simple PCB Layout
Time-Critical Projects
Frequency Synchronization Input (350 kHz to 600
Space Constrained and High Thermal
kHz)
Requirement Applications
Current Sharing Capability
Negative Output Voltage Applications
See AN-2027 SNVA425
Flexible Start-up Sequencing Using External
Soft-Start, Tracking and Precision Enable
3 Description
Protection Against Inrush Currents and Faults
The LMZ22008 SIMPLE SWITCHER® power module
such as Input UVLO and Output Short Circuit
is an easy-to-use step-down DC-DC solution capable
Junction Temperature Range –40°C to 125°C
of driving up to 8-A load. The LMZ22008 is available
Single Exposed Pad and Standard Pinout for Easy
in an innovative package that enhances thermal
Mounting and Manufacturing
performance
and
allows
for
hand
or
machine
soldering.
Fully Enabled for WEBENCH® Power Designer
The LMZ22008 can accept an input voltage rail
Pin Compatible With LMZ22010/06,
between 6 V and 20 V and deliver an adjustable and
LMZ12010/08/06, LMZ23610/08/06, and
highly accurate output voltage as low as 0.8 V. The
LMZ13610/08/06
LMZ22008 only requires two external resistors and
Electrical Specifications
external capacitors to complete the power solution.
40-W Maximum Total Output Power
The LMZ22008 is a reliable and robust design with
Up to 8-A Output Current
the following protection features: thermal shutdown,
Input Voltage Range 6 V to 20 V
programmable input undervoltage lockout, output
overvoltage protection, short circuit protection, output
Output Voltage Range 0.8 V to 6 V
current limit, and allows start-up into a prebiased
Efficiency up to 92%
output.
Performance Benefits
The sync input allows synchronization over the 314-
High Efficiency Reduces System Heat
to 600-kHz switching frequency range and up to 6
Generation
modules can be connected in parallel for higher load
Low Radiated Emissions (EMI) Tested to
currents.
EN55022
Device Information(1)(2)
Only 7 External Components
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Low Output Voltage Ripple
LMZ22008
NDY (11)
15.00 mm × 15.00 mm
No External Heat Sink Required
(1) For all available packages, see the orderable addendum at
Simple Current Sharing for Higher Current
the end of the data sheet.
Applications
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
tested on Evaluation Board with EMI configuration.
Simplified Application Schematic
Efficiency 3.3-V Output at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ22008_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

Similar Description - LMZ22008_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ31506 TI1-LMZ31506 Datasheet
837Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com