Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT28C6428P20 Datasheet(PDF) 6 Page - Micron Technology

Part # MT28C6428P20
Description  FLASH AND SRAM COMBO MEMORY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28C6428P20 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT28C6428P20 Datasheet HTML 2Page - Micron Technology MT28C6428P20 Datasheet HTML 3Page - Micron Technology MT28C6428P20 Datasheet HTML 4Page - Micron Technology MT28C6428P20 Datasheet HTML 5Page - Micron Technology MT28C6428P20 Datasheet HTML 6Page - Micron Technology MT28C6428P20 Datasheet HTML 7Page - Micron Technology MT28C6428P20 Datasheet HTML 8Page - Micron Technology MT28C6428P20 Datasheet HTML 9Page - Micron Technology MT28C6428P20 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
4 Meg x 16 Asynchronous/Page Flash 512K x 16 SRAM Combo Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT28C6428P20_3.p65 – Rev. 3, Pub. 7/02
©2002, Micron Technology, Inc.
4 MEG x 16 ASYNCHRONOUS/PAGE FLASH
512K x 16 SRAM COMBO MEMORY
ADVANCE
BALL DESCRIPTIONS (continued)
67-BALL FBGA
NUMBERS
SYMBOL
TYPE
DESCRIPTION
E4
F_VPP
Input/
Flash Program/Erase Power Supply: [0.9V–2.2V or 11.4V–12.6V].
Supply
Operates as input at logic levels to control complete device protection.
Provides backward compatibility for factory programming when driven
to 11.4V–12.6V. A lower F_VPP voltage range (0.0V–2.2V) is available.
Contact factory for more information.
D10, H3
F_VCC
Supply
Flash Power Supply: [1.70V–1.90V or 1.80V–2.20V]. Supplies power for
device operation.
A9, H8
F_VSS
Supply
Flash Specific Ground: Do not float any ground ball.
D9
S_VCC
Supply
SRAM Power Supply: [1.70V–1.90V or 1.80V–2.20V]. Supplies power for
device operation.
D3
S_VSS
Supply
SRAM Specific Ground: Do not float any ground ball.
A10
VCCQ
Supply
I/O Power Supply: [1.70–1.90V or 1.80V–2.20V].
A1, A2, A11,
NC
No Connect: Lead is not internally connected; it may be driven or
A12, C4, H1,
floated.
H2, H10, H11,
H12
C6, D5, D6,
Contact balls not mounted; corresponding position on PCB can be used
E7, F6
to reduce routing complexity.


Similar Part No. - MT28C6428P20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
MT28C3212P2NFL MICRON-MT28C3212P2NFL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
MT28C3214P2FL MICRON-MT28C3214P2FL Datasheet
520Kb / 42P
   FLASH AND SRAM COMBO MEMORY
MT28C3214P2NFL MICRON-MT28C3214P2NFL Datasheet
520Kb / 42P
   FLASH AND SRAM COMBO MEMORY
MT28C3224P18 MICRON-MT28C3224P18 Datasheet
498Kb / 42P
   FLASH AND SRAM COMBO MEMORY
More results

Similar Description - MT28C6428P20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3224P20 MICRON-MT28C3224P20 Datasheet
498Kb / 42P
   FLASH AND SRAM COMBO MEMORY
MT28C3214P2FL MICRON-MT28C3214P2FL Datasheet
520Kb / 42P
   FLASH AND SRAM COMBO MEMORY
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
   FLASH AND SRAM COMBO MEMORY
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
   Flash/SRAM Memory
logo
Texas Instruments
DK-LM3S9B96-FS8 TI-DK-LM3S9B96-FS8 Datasheet
200Kb / 5P
[Old version datasheet]   Stellaris짰 Flash and SRAM Memory Expansion Board
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
   Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
   Stacked Chip 8M Flash Memory and 2M SRAM
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com