Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12053-02 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S12053-02
Description  Short wavelength type APD, for 600 nm band
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S12053-02 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S12053-02_15 Datasheet HTML 1Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 2Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 3Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 4Page - Hamamatsu Corporation S12053-02_15 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Si APD
S12053-02/-05/-10, S9075, S5344, S5345
Spectral response
Dark current vs. reverse voltage
Quantum efficiency vs. wavelength
20
30
0
10
(Typ. Ta=25 °C, M at 650 nm)
Wavelength (nm)
200
400
600
800
1000
M=10
M=20
M=50
0
100
120
140
160
S5344
S9075
S12053-10
S12053-05
S12053-02
S5345
60
80
20
40
1 pA
10 pA
100 pA
1 nA
10 nA
(Typ. Ta=25 °C)
Reverse voltage (V)
0
20
40
60
80
100
(Typ. Ta=25 °C)
Wavelength (nm)
200
400
600
800
1000
KAPDB0010ED
KAPDB0009EE
KAPDB0023EB
Gain vs. reverse voltage
Reverse voltage (V)
103
102
101
100
(Typ.
λ=650 nm)
130
160
140
150
-20 °C
0 °C
20 °C
40 °C
60 °C
KAPDB0011EC


Similar Part No. - S12053-02_15

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
S1205 OKAYA-S1205 Datasheet
292Kb / 1P
   SPARK QUENCHER
S1205 OKAYA-S1205 Datasheet
65Kb / 1P
   SPARK QUENCHER
More results

Similar Description - S12053-02_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5343 HAMAMATSU-S5343 Datasheet
85Kb / 4P
   Short wavelength type APD
S8664 HAMAMATSU-S8664 Datasheet
110Kb / 3P
   Short wavelength type APD
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
   Low temperature coefficient type APD for 800 nm band
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
   Long wavelength type APD
S8890 HAMAMATSU-S8890_15 Datasheet
502Kb / 4P
   Long wavelength type APD
S2381 HAMAMATSU-S2381 Datasheet
152Kb / 4P
   Si APD Low bias operation, for 800 nm band
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com