Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S11012-01 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S11012-01
Description  12-bit digital output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11012-01 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S11012-01_15 Datasheet HTML 1Page - Hamamatsu Corporation S11012-01_15 Datasheet HTML 2Page - Hamamatsu Corporation S11012-01_15 Datasheet HTML 3Page - Hamamatsu Corporation S11012-01_15 Datasheet HTML 4Page - Hamamatsu Corporation S11012-01_15 Datasheet HTML 5Page - Hamamatsu Corporation S11012-01_15 Datasheet HTML 6Page - Hamamatsu Corporation S11012-01_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Digital color sensor
S11012-01CR
3
Electrical and optical characteristics
(Ta=25 °C, Vdd=5 V, Tg=100 ms, A light source, unless otherwise noted)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Photosensitive area size
-
All elements (9 × 9 elements)
-
1.2 × 1.2
-
mm
Effective photosensitive area
-
All elements (9 × 9 elements)
per 1 color, high range
-
0.32
-
mm2
3 × 3 elements
per 1 color, low range
-
0.036
-
Spectral response range*2
λ
Blue
-
400 to 540
800 to 1000
-
nm
Green
-
480 to 600
760 to 1000
-
Red
-
590 to 1000
-
Supply voltage
Vdd
3.0
-
5.5
V
Current consumption
Idd
Dark state, no load
-
5
10
mA
Photo sensitivity
Sbl
Blue, low range
0.21
0.3
0.39
LSB/lx
Sgl
Green, low range
0.42
0.6
0.78
Srl
Red, low range
0.98
1.4
1.82
Sbh
Blue, high range
1.8
2.6
3.4
Sgh
Green, high range
3.7
5.3
6.9
Srh
Red, high range
9.0
12.9
16.8
Incident light power
(Conversion value in A light
source)
Ibl
Blue, low range
-
-
172
klx
Igl
Green, low range
-
-
83
Irl
Red, low range
-
-
35
Ibh
Blue, high range
-
-
19
Igh
Green, high range
-
-
9.2
Irh
Red, high range
-
-
3.9
Dark output
Dark
Tg=0.5 s, high range
-
-
1
LSB
Input high level
Vih
Vdd × 0.82
-
-
V
Input low level
Vil
-
-
Vdd × 0.18
V
High level output voltage
Voh
Ioh=-0.5 mA
4.5
-
-
V
Low level output voltage
Vol
Iol=0.5 mA
-
-
0.5
V
Integration time
Tg
Refer to “Output vs. illuminance”
-
Hold time
t1
4
-
-
μs
t2
3
-
-
μs
t3
3
-
-
μs
t4
2000
-
-
μs
t5
3
-
-
μs
Readout clock period
tck
500
-
-
ns
Readout pulse width (positive)
tw
200
-
-
ns
*2: Since this product has sensitivity in the infrared region, infrared light must be filtered out as needed.


Similar Part No. - S11012-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11012-01CR HAMAMATSU-S11012-01CR Datasheet
254Kb / 11P
   Digital color sensor
More results

Similar Description - S11012-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
   12 Bit Digital Output Magnetic Flux Sensor
logo
Texas Instruments
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com