Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT28F800B3 Datasheet(PDF) 9 Page - Micron Technology

Part # MT28F800B3
Description  FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT28F800B3 Datasheet(HTML) 9 Page - Micron Technology

Back Button MT28F800B3 Datasheet HTML 5Page - Micron Technology MT28F800B3 Datasheet HTML 6Page - Micron Technology MT28F800B3 Datasheet HTML 7Page - Micron Technology MT28F800B3 Datasheet HTML 8Page - Micron Technology MT28F800B3 Datasheet HTML 9Page - Micron Technology MT28F800B3 Datasheet HTML 10Page - Micron Technology MT28F800B3 Datasheet HTML 11Page - Micron Technology MT28F800B3 Datasheet HTML 12Page - Micron Technology MT28F800B3 Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
8Mb Smart 3 Boot Block Flash Memory
Micron Technology, Inc., reserves the right to change products or specifications without notice.
Q10_3.p65 – Rev. 3, Pub. 10/01
©2001, Micron Technology, Inc.
8Mb
SMART 3 BOOT BLOCK FLASH MEMORY
STATUS REGISTER
Performing a READ of the status register requires
the same input sequencing as a READ of the array
except that the address inputs are “Don’t Care.” The
status register contents are always output on DQ0–
DQ7, regardless of the condition of BYTE# on the
MT28F800B3. DQ8–DQ15 are LOW when BYTE# is
HIGH, and DQ8–DQ14 are High-Z when BYTE# is LOW.
Data from the status register is latched on the falling
edge of OE# or CE#, whichever occurs last. If the con-
tents of the status register change during a READ of the
status register, either OE# or CE# may be toggled while
the other is held LOW to update the output.
Following a WRITE or ERASE, the device automati-
cally enters the status register read mode. In addition, a
READ during a WRITE or ERASE produces the status
register contents on DQ0–DQ7. When the device is in the
erase suspend mode, a READ operation produces the
status register contents until another command is is-
sued. In certain other modes, READ STATUS REGISTER
may be given to return to the status register read mode.
All commands and their operations are described in the
Command Set and Command Execution sections.
IDENTIFICATION REGISTER
A READ of the two 8-bit device identification registers
requires the same input sequencing as a READ of the
array. WE# must be HIGH, and OE# and CE# must be
LOW. However, ID register data is output only on DQ0–
DQ7, regardless of the condition of BYTE# on the
MT28F800B3. A0 is used to decode between the two bytes
of the device ID register; all other address inputs are
“Don’t Care.” When A0 is LOW, the manufacturer com-
patibility ID is output, and when A0 is HIGH, the device
ID is output. DQ8–DQ15 are High-Z when BYTE# is LOW.
When BYTE# is HIGH, DQ8–DQ15 are 00h when the
manufacturer compatibility ID is read and 88h when the
device ID is read.
To get to the identification register read mode, READ
IDENTIFICATION may be issued while the device is in
certain other modes. In addition, the identification regis-
ter read mode can be reached by applying a super-volt-
age (VID) to the A9 pin. Using this method, the ID register
can be read while the device is in any mode. When A9 is
returned to VIL or VIH, the device returns to the previous
mode.
INPUT OPERATIONS
The DQ pins are used either to input data to the array
or to input a command to the CEL. A command input
issues an 8-bit command to the CEL to control the mode
of operation of the device. A WRITE is used to input
data to the memory array. The following section de-
The MT28F800B3 and MT28F008B3 are available in
two configurations and top or bottom boot block. The top
boot block version supports processors of the x86 variety.
The bottom boot block version is intended for 680X0 and
RISC applications. Figure 1 illustrates the memory ad-
dress maps associated with these two versions.
PARAMETER BLOCKS
The two 8KB parameter blocks store less sensitive and
more frequently changing system parameters and also
may store configuration or diagnostic coding. These
blocks are enabled for erasure when the VPP pin is at VPPH.
No super-voltage unlock or WP# control is required.
MAIN MEMORY BLOCKS
The eight remaining blocks are general-purpose
memory blocks and do not require a super-voltage on
RP# or WP# control to be erased or written. These blocks
are intended for code storage, ROM-resident applica-
tions or operating systems that require in-system update
capability.
OUTPUT (READ) OPERATIONS
The MT28F800B3 and MT28F008B3 feature three dif-
ferent types of READs. Depending on the current mode of
the device, a READ operation produces data from the
memory array, status register or device identification
register. In each of these three cases, the WE#, CE# and
OE# inputs are controlled in a similar manner. Moving
between modes to perform a specific READ is described
in the Command Execution section.
MEMORY ARRAY
To read the memory array, WE# must be HIGH, and
OE# and CE# must be LOW. Valid data is output on the
DQ pins when these conditions have been met, and a
valid address is given. Valid data remains on the DQ pins
until the address changes, or until OE# or CE# goes HIGH,
whichever occurs first. The DQ pins continue to output
new data after each address transition as long as OE# and
CE# remain LOW.
The MT28F800B3 features selectable bus widths.
When the memory array is accessed as a 512K x 16, BYTE#
is HIGH, and data is output on DQ0–DQ15. To access the
memory array as a 1 Meg x 8, BYTE# must be LOW, DQ8–
DQ14 must be High-Z, and all data must be output on
DQ0–DQ7. The DQ15/(A - 1) pin becomes the lowest
order address input so that 1,048,576 locations can be
read.
After power-up or RESET, the device is automatically
in the array read mode. All commands and their opera-
tions are covered in the Command Set and Command
Execution sections.


Similar Part No. - MT28F800B3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F800B5 MICRON-MT28F800B5 Datasheet
1Mb / 30P
   FLASH MEMORY
More results

Similar Description - MT28F800B3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com