Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR880ADP Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIR880ADP
Description  N-Channel 80 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR880ADP Datasheet(HTML) 2 Page - Vishay Telefunken

  SIR880ADP Datasheet HTML 1Page - Vishay Telefunken SIR880ADP Datasheet HTML 2Page - Vishay Telefunken SIR880ADP Datasheet HTML 3Page - Vishay Telefunken SIR880ADP Datasheet HTML 4Page - Vishay Telefunken SIR880ADP Datasheet HTML 5Page - Vishay Telefunken SIR880ADP Datasheet HTML 6Page - Vishay Telefunken SIR880ADP Datasheet HTML 7Page - Vishay Telefunken SIR880ADP Datasheet HTML 8Page - Vishay Telefunken SIR880ADP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 63910
S12-1137-Rev. A, 21-May-12
Vishay Siliconix
SiR880ADP
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
80
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
37
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 5.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.5
3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
µA
VDS = 80 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.0052
0.0063
VGS = 7.5 V, ID = 15 A
0.0056
0.0068
VGS = 4.5 V, ID = 10 A
0.0074
0.0089
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
63
S
Dynamicb
Input Capacitance
Ciss
VDS = 40 V, VGS = 0 V, f = 1 MHz
2289
pF
Output Capacitance
Coss
1200
Reverse Transfer Capacitance
Crss
98
Total Gate Charge
Qg
VDS = 40 V, VGS = 10 V, ID = 10 A
47.5
72
nC
VDS = 40 V, VGS = 7.5 V, ID = 10 A
36.5
55
VDS = 40 V, VGS = 4.5 V, ID = 10 A
24
36
Gate-Source Charge
Qgs
6.8
Gate-Drain Charge
Qgd
10.6
Output Charge
Qoss
VDS = 40 V, VGS = 0 V
70
105
Gate Resistance
Rg
f = 1 MHz
0.3
1
2
Turn-On Delay Time
td(on)
VDD = 40 V, RL = 4 
ID  10 A, VGEN = 10 V, Rg = 1 
13
26
ns
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
41
80
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 40 V, RL = 4 
ID  10 A, VGEN = 7.5 V, Rg = 1 
16
32
Rise Time
tr
16
32
Turn-Off Delay Time
td(off)
35
70
Fall Time
tf
11
22
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Currenta
ISM
100
Body Diode Voltage
VSD
IS = 5 A
0.75
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
46
90
ns
Body Diode Reverse Recovery Charge
Qrr
46
90
nC
Reverse Recovery Fall Time
ta
22
ns
Reverse Recovery Rise Time
tb
24


Similar Part No. - SIR880ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880ADP VISHAY-SIR880ADP Datasheet
515Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. A, 21-May-12
SIR880ADP-T1-GE3 VISHAY-SIR880ADP-T1-GE3 Datasheet
363Kb / 13P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SIR880ADP VISHAY-SIR880ADP_V01 Datasheet
363Kb / 13P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR880ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com